Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX206 Datasheet (PDF) - Sony Corporation

ICX206 Datasheet PDF - Sony Corporation
Part # ICX206
Download  ICX206 Download
File Size   33.96 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1/4-Inch Super HAD CCD Color Image Sensor

ICX206 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX206 Datasheet PDF - Sony Corporation

Part # ICX206
Download  ICX206 Click to download

File Size   33.96 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1/4-Inch Super HAD CCD Color Image Sensor

ICX206 Datasheet (HTML) - Sony Corporation


ICX206 Product details

SuperHAD CCD

The 1/4-inch CCD has become the mainstream image sensing device in camcorders and medical electronic endoscopes. Even higher image quality and an ever higher signal-to-noise ratio are desired in these applications.
By adopting the "Super HAD CCD* technology", the Sony
ICX206AK, ICX207AK, ICX208AK, and ICX209AK provide significant increases in sensitivity and saturation signal levels when compared to previous 1/4-inch CCD products and achieve specifications that achieve the industrys highest level for this type of device.
These specifications mean that it is now possible to take advantage of the miniaturization possible with 1/4-inch optical systems and also achieve further improvements in image quality and signal-to-noise ratio.

■ For use with 1/4-inch optical systems
■ Sensitivity increased by 4 dB over previous Sony
   products by the adoption of Super HAD CCD technology
■ Saturation signal level increased by 2 dB over previous 1/4-inch CCDs
■ Compatibility with previous 1/4-inch CCDs maintained
■ Horizontal register and reset gate drive voltage reduced to 3.0 V (minimum)




Similar Part No. - ICX206

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX206AK SONY-ICX206AK Datasheet
228Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
257Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results


Similar Description - ICX206

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F429PX02 SAMSUNG-S5F429PX02 Datasheet
234Kb / 18P
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sanyo Semicon Device
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
1/3-inch CCD Image Sensor for NTSC Color Camera
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com