Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDJ200A Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SMDJ200A Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SMDJ200A
Download  SMDJ200A Download
File Size   793.87 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Transient Voltage Suppressors Diodes

SMDJ200A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDJ200A Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMDJ200A
Download  SMDJ200A Click to download

File Size   793.87 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Transient Voltage Suppressors Diodes

SMDJ200A Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SMDJ200A Product details

The SMDJ series is designed specifcally to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
• Halogen-free
• Rohs compliant
• Typical maximum temperature coefficient ΔVBR = 0.1% x VBR@25°C x ΔT
• Glass passivated Chip junction in DO-214AB package
• 3000W peak pulse capadility at 10×1000μs waveform, repetition rate (duty cycles):0.01%
• Fast response time:typically less than 1.0ps from 0 Volts to BV min
• Excellent clamping capability
• Low incremental surge resistance
• Typical IR less than 5μA above 12V
• High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,(9.5mm) lead length, 5lbs., (2.3kg) tension
• Plastic package has underwriters laboratory flammability classifcation 94v-0

Applications
    TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in telecom,computer, industrial and consumer electronic applications.




Similar Part No. - SMDJ200A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMDJ200A MERITEK-SMDJ200A Datasheet
295Kb / 4P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SMDJ200A RUILON-SMDJ200A Datasheet
908Kb / 7P
Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMDJ200A SOCAY-SMDJ200A Datasheet
624Kb / 7P
Surface Mount Transient Voltage Suppressors
SMDJ200A SOCAY-SMDJ200A Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
SMDJ200A SOCAY-SMDJ200A Datasheet
624Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
More results


Similar Description - SMDJ200A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ARZ3524 HY-ARZ3524_17 Datasheet
140Kb / 3P
AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
ARZ5024 HY-ARZ5024_17 Datasheet
139Kb / 3P
AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
5KP5.0A LEIDITECH-5KP5.0A Datasheet
409Kb / 5P
Transient Voltage Suppressors Diodes
5KP200A LEIDITECH-5KP200A Datasheet
409Kb / 5P
Transient Voltage Suppressors Diodes
5KP210A LEIDITECH-5KP210A Datasheet
409Kb / 5P
Transient Voltage Suppressors Diodes
P6KE6.8A LEIDITECH-P6KE6.8A Datasheet
1Mb / 5P
Transient Voltage Suppressors Diodes
SMBJ5.0A LEIDITECH-SMBJ5.0A Datasheet
888Kb / 5P
Transient Voltage Suppressors Diodes
SMDJ5.0A LEIDITECH-SMDJ5.0A Datasheet
793Kb / 5P
Transient Voltage Suppressors Diodes
SA5.0 LEIDITECH-SA5.0 Datasheet
689Kb / 5P
Transient Voltage Suppressors Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com