Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56NT Datasheet (PDF) - Naina Semiconductor ltd.

56NT Datasheet PDF - Naina Semiconductor ltd.
Part # 56NT_17
Download  56NT Download
File Size   174.18 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Phase Control Thyristors (Stud & Lead Type), 56A

56NT Datasheet (PDF)

Go To PDF Page Download Datasheet
56NT Datasheet PDF - Naina Semiconductor ltd.

Part # 56NT_17
Download  56NT Click to download

File Size   174.18 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Phase Control Thyristors (Stud & Lead Type), 56A

56NT Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - 56NT_17

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
56NTD NAINA-56NTD Datasheet
112Kb / 2P
Thyristor - Diode Module
56NTT NAINA-56NTT Datasheet
124Kb / 2P
Thyristor - Thyristor Module
More results


Similar Description - 56NT_17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI IRF-111RKI Datasheet
283Kb / 7P
PHASE CONTROL THYRISTORS Stud Version
ST110S IRF-ST110S Datasheet
232Kb / 9P
PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
logo
Naina Semiconductor ltd...
40NT NAINA-40NT Datasheet
147Kb / 2P
Phase Control Thyristors, 40A (Stud and Lead Type)
56NT NAINA-56NT Datasheet
152Kb / 2P
Phase Control Thyristors, 56A (Stud and Lead Type)
25NT NAINA-25NT_17 Datasheet
149Kb / 2P
Phase Control Thyristors (Stud Type), 25A
40NT NAINA-40NT_17 Datasheet
173Kb / 2P
Phase Control Thyristors (Stud & Lead Type), 40A
150NT NAINA-150NT_17 Datasheet
109Kb / 2P
Phase Control Thyristors (Stud Type), 150A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com