Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM75N08 Datasheet (PDF) - First Components International

FM75N08 Datasheet PDF - First Components International
Part # FM75N08
Download  FM75N08 Download
File Size   862.62 Kbytes
Page   7 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 75A 80V N Channel Mosfet Transistor

FM75N08 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM75N08 Datasheet PDF - First Components International

Part # FM75N08
Download  FM75N08 Click to download

File Size   862.62 Kbytes
Page   7 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 75A 80V N Channel Mosfet Transistor

FM75N08 Datasheet (HTML) - First Components International


FM75N08 Product details

█ APPLICATIONSL
   Low Voltage high-Speed Switching.
   Tstg——Storage Temperature…… … …… … … … … -55~175℃
   Tj ——Operating Junction Temperature ………………150℃
   PD —— Allowable Power Dissipation( Tc=25℃ ) ………173W
   VGSS —— Gate-Source Voltage … … ……… …… … …±20V
   VDSS —— Drain-Source Voltage ………………………80V
      ID —— Drain Curren(t Tc=25℃ ) ………………………75A
      RDson—— Static Drain Source on-state Resistance…… 0.015Ohm @10V
      Qg —— Gate Charge ………………………………… 80nC




Similar Part No. - FM75N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
FM75 FAIRCHILD-FM75 Datasheet
359Kb / 16P
Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
SHENZHEN FUMAN ELECTRON...
FM7518 FUMAN-FM7518 Datasheet
397Kb / 7P
PWM control power switch
FM7518A FUMAN-FM7518A Datasheet
401Kb / 7P
PWM control power switch
FM7518B FUMAN-FM7518B Datasheet
401Kb / 7P
PWM control power switch
More results


Similar Description - FM75N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75545P3 FAIRCHILD-HUF75545P3 Datasheet
270Kb / 10P
75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75542P3 FAIRCHILD-HUFA75542P3 Datasheet
202Kb / 10P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
June 2000
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
June 1999
logo
Estek Electronics Co. L...
ET75N08 ESTEK-ET75N08 Datasheet
308Kb / 9P
80V, 75A, N-Channel Power MOSFET
logo
Unisonic Technologies
UTT75N08 UTC-UTT75N08 Datasheet
162Kb / 3P
75A, 80V N-CHANNEL POWERTRENCH MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com