Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5109 Datasheet (PDF) - List of Unclassifed Manufacturers

M5109 Datasheet PDF - List of Unclassifed Manufacturers
Part # M5109
Download  M5109 Download
File Size   99.9 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 9 SEC VOICE

M5109 Datasheet (PDF)

Go To PDF Page Download Datasheet
M5109 Datasheet PDF - List of Unclassifed Manufacturers

Part # M5109
Download  M5109 Click to download

File Size   99.9 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 9 SEC VOICE

M5109 Datasheet (HTML) - List of Unclassifed Manufacturers


M5109 Product details

[MOSDESIGN SEMICONDUCTOR CORP.]

FEATURES
• LO : BusyH, BusyL, StopH, StopL, 3 Hz, 6 Hz, 1/4 1/2 3/4 level.
• PW1 : PWM output 1.
• PW2 : PWM output 2.
• TG : OSH LH CONT RETRIG IRRETRIG
• Debounce time : 10ms 50μ s
• Voice + Mute length MAX. 5.3 sec, repeat 8 times.




Similar Part No. - M5109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5100 ETC-M5100 Datasheet
152Kb / 1P
Heyco짰-Tite Aluminum Liquid Tight Cordgrips
logo
Heyco.
M5100 HEYCO-M5100 Datasheet
194Kb / 1P
Tite Aluminum Liquid Tight Cordgrips
logo
Amphenol Aerospace Oper...
M5100-033-0000 AAO-M5100-033-0000 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
M5100-033-0004 AAO-M5100-033-0004 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
M5100-033-0008 AAO-M5100-033-0008 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
More results


Similar Description - M5109

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
VERSATILE 10 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5106 ETC-M5106 Datasheet
99Kb / 1P
6 SEC VOICE
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
APL8208 ETC-APL8208 Datasheet
2Mb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
VERSATILE 10 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
SD501 ETC-SD501 Datasheet
976Kb / 4P
3 SEC VOICE SYNTHESIZER
logo
Aplus Intergrated Circu...
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
21 sec VOICE OTP
AP8842 APLUS-AP8842 Datasheet
150Kb / 14P
42 sec VOICE OTP
PR2060 APLUS-PR2060 Datasheet
1Mb / 28P
40 ~ 80 sec recording voice IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com