Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC546 Datasheet (PDF) - First Components International

BC546 Datasheet PDF - First Components International
Part # BC546
Download  BC546 Download
File Size   186.09 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN Amplifier Transistor

BC546 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC546 Datasheet PDF - First Components International

Part # BC546
Download  BC546 Click to download

File Size   186.09 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN Amplifier Transistor

BC546 Datasheet (HTML) - First Components International


BC546 Product details

Description of TO-92 NPN Amplifier Transistor

• High Voltage: BC546,547,548 VCEO=65V, 45V, 30V
• Power dissipation Pcm: 0.625W(Ta=25C)
• Collector current :Icm:0.1A
• Collector-base voltage:V(BR)CBO:BC546:80V,BC547:50V,BC548:30V
• Operating and storage junction temperature range:Tj, Tstg: -55 ~ 150C




Similar Part No. - BC546

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC546 ONSEMI-BC546 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC546 SEMTECH-BC546 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC546 SIEMENS-BC546 Datasheet
210Kb / 6P
NPN Silicon Transistors
More results


Similar Description - BC546

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1622D7 SAMSUNG-MMBC1622D7 Datasheet
25Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MMBT6428 SAMSUNG-MMBT6428 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MMBT6429 SAMSUNG-MMBT6429 Datasheet
31Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS6520 SAMSUNG-MPS6520 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS6521 SAMSUNG-MPS6521 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS6602 SAMSUNG-MPS6602 Datasheet
30Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS8097 SAMSUNG-MPS8097 Datasheet
30Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS8098 SAMSUNG-MPS8098 Datasheet
74Kb / 2P
NPN (AMPLIFIER TRANSISTOR)
MPS8099 SAMSUNG-MPS8099 Datasheet
32Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
356Kb / 6P
AMPLIFIER TRANSISTOR(NPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com