Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBTA06 Datasheet (PDF) - First Components International

FMBTA06 Datasheet PDF - First Components International
Part # FMBTA06
Download  FMBTA06 Download
File Size   79.43 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Silicon Transistor Amplifier Transistor

FMBTA06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBTA06 Datasheet PDF - First Components International

Part # FMBTA06
Download  FMBTA06 Click to download

File Size   79.43 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Silicon Transistor Amplifier Transistor

FMBTA06 Datasheet (HTML) - First Components International


FMBTA06 Product details

NPN SILICON TRANSISTOR AMPLIFIER TRANSISTOR

□ JUNCTION TEMPERATURE ----------------------------- +150℃ MAX
□ STORAGE TEMPERATURE ------------------------------ -55~ + 150℃
□ MAX POWER DISSIPATION Ta=25℃ ----------------- 250mW
□ MAX VOLTAGE AND CURRENT Ta=25℃
   VCBO COLLECTOR TO BASE VOLTAGE------------- 80V
   VCEO COLLECTOR TO EMITTER VOLTAGE-------- 80V
   VEBO EMITTER TO BASE VOLTAGE------------------ 4V
   IC COLLECTOR CURRENT-------------------------------- 500mA




Similar Part No. - FMBTA06

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBTA06 FORMOSA-FMBTA06 Datasheet
151Kb / 9P
Drive NPN Transistor
More results


Similar Description - FMBTA06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
AMPLIFIER TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
logo
ON Semiconductor
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
NPN SILICON AMPLIFIER TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
PNP Silicon Amplifier Transistor
logo
SUNMATE electronic Co.,...
BC546A SUNMATE-BC546A Datasheet
540Kb / 4P
NPN SILICON AMPLIFIER TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_15 Datasheet
573Kb / 4P
PNP Silicon Amplifier Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com