Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1921EUT Datasheet (PDF) - Maxim Integrated Products

MAX1921EUT Datasheet PDF - Maxim Integrated Products
Part # MAX1921EUT
Download  MAX1921EUT Download
File Size   93.51 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PLASTIC ENCAPSULATED DEVICES

MAX1921EUT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1921EUT Datasheet PDF - Maxim Integrated Products

Part # MAX1921EUT
Download  MAX1921EUT Click to download

File Size   93.51 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PLASTIC ENCAPSULATED DEVICES

MAX1921EUT Datasheet (HTML) - Maxim Integrated Products


MAX1921EUT Product details

General Description
The MAX1920/MAX1921 step-down converters deliver over 400mA to outputs as low as 1.25V. These converters use a unique proprietary current-limited control scheme that achieves over 90% efficiency. These devices maintain extremely low quiescent supply current (50μA), and their high 1.2MHz (max) operating frequency permits small, low-cost external components. This combination makes the MAX1920/MAX1921 excellent high-efficiency alternatives to linear regulators in space-constrained applications.
Internal synchronous rectification greatly improves efficiency and eliminates the external Schottky diode required in conventional step-down converters. Both devices also include internal digital soft-start to limit input current upon startup and reduce input capacitor requirements.

Features
● 400mA Guaranteed Output Current
● Internal Synchronous Rectifier for > 90% Efficiency
● Tiny 6-Pin SOT23 Package
● Available in 6-Pin TDFN Package (MAX1920)
● Up to 1.2MHz Switching Frequency for Small
   External Components
● 50μA Quiescent Supply Current
● 0.1μA Logic-Controlled Shutdown
● 2V to 5.5V Input Range
● Fixed 1.5V, 1.8V, 2.5V, 3V, and 3.3V Output
   Voltages (MAX1921)
● Adjustable Output Voltage (MAX1920)
● ±1.5% Initial Accuracy
● Soft-Start Limits Startup Current

Applications
● Next-Generation Wireless Handsets
● PDAs, Palmtops, and Handy-Terminals
● Battery-Powered Equipment
● CDMA Power Amplifer Supply




Similar Part No. - MAX1921EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1921EUT-T MAXIM-MAX1921EUT-T Datasheet
370Kb / 9P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1921EUT15 MAXIM-MAX1921EUT15 Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1921EUT18 MAXIM-MAX1921EUT18 Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1921EUT25 MAXIM-MAX1921EUT25 Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1921EUT25-T MAXIM-MAX1921EUT25-T Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
More results


Similar Description - MAX1921EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX5309EUE MAXIM-MAX5309EUE Datasheet
99Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A March 30, 2004
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com