Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RAX Datasheet (PDF) - Maxim Integrated Products

MAXQ2000-RAX Datasheet PDF - Maxim Integrated Products
Part # MAXQ2000-RAX
Download  MAXQ2000-RAX Download
File Size   1798.6 Kbytes
Page   39 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power LCD Microcontroller

MAXQ2000-RAX Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ2000-RAX Datasheet PDF - Maxim Integrated Products

Part # MAXQ2000-RAX
Download  MAXQ2000-RAX Click to download

File Size   1798.6 Kbytes
Page   39 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power LCD Microcontroller

MAXQ2000-RAX Datasheet (HTML) - Maxim Integrated Products


MAXQ2000-RAX Product details

General Description
The MAXQ2000 microcontroller is a low-power, 16-bit device that incorporates a liquid-crystal display (LCD) interface that can drive up to 100 (-RBX/-RBX+) or 132 (-RAX/-RAX+/-RFX/-RFX+) segments. The MAXQ2000 is uniquely suited for the blood-glucose monitoring market, but can be used in any application that requires high performance and low-power operation

Features
♦ High-Performance, Low-Power, 16-Bit RISC Core
    DC to 20MHz Operation, Approaching 1MIPS per MHz
    Dual 1.8V Core/3V I/O Enables Low Power/Flexible Interfacing
    33 Instructions, Most Single Cycle
    Three Independent Data Pointers Accelerate Data Movement with Automatic Increment/Decrement
    16-Level Hardware Stack
    16-Bit Instruction Word, 16-Bit Data Bus
    16 x 16-Bit, General-Purpose Working Registers
    Optimized for C-Compiler (High-Speed/Density Code)
♦ Program and Data Memory
    32kWords Flash Memory, Mask ROM for High Volume Applications
    10,000 Flash Write/Erase Cycles
    1kWord of Internal Data RAM
    JTAG/Serial Boot Loader for Programming
♦ Peripheral Features
    Up to 50 General-Purpose I/O Pins
    100/132 Segment LCD Driver
        Up to 4 COM and 36 Segments
        Static, 1/2, and 1/3 LCD Bias Supported
        No External Resistors Required
    SPITM and 1-Wire® (-RAX/-RAX+/-RFX/-RFX+ Only) Hardware I/O Ports
    One or Two Serial UARTs
    One-Cycle, 16 x 16 Hardware Multiply/Accumulate with 48-Bit Accumulator
    Three 16-Bit Programmable Timers/Counters
    8-Bit, Subsecond, System Timer/Alarm
    32-Bit, Binary Real-Time Clock with Time-of-Day Alarm
    Programmable Watchdog Timer
♦ Flexible Programming Interface
    Bootloader Simplifies Programming
    In-System Programming Through JTAG
    Supports In-Application Programming of Flash Memory
♦ Ultra-Low-Power Consumption
    190µA typ at 8MHz Flash Operation, PMM1 at 2.2V
    700nA typ in Lowest Power Stop Mode
    Low-Power 32kHz Mode and Divide-by-256 Mode

Applications
    Medical Instrumentation
    Battery-Powered and Portable Devices
    Electrochemical and Optical Sensors
    Industrial Control
    Data-Acquisition Systems and Data Loggers
    Home Appliances
    Consumer Electronics
    Thermostats/Humidity Sensors
    Security Sensors
    Gas and Chemical Sensors
    HVAC
    Smart Transmitters




Similar Part No. - MAXQ2000-RAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2000-RAX MAXIM-MAXQ2000-RAX Datasheet
496Kb / 39P
Low-Power LCD Microcontroller
Rev 10; 7/08
MAXQ2000-RAX+ MAXIM-MAXQ2000-RAX+ Datasheet
496Kb / 39P
Low-Power LCD Microcontroller
Rev 10; 7/08
More results


Similar Description - MAXQ2000-RAX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
Low-power and Built-in LCD Driver 4-Bit Microcontroller
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
Ultra Low Power Microcontroller with 4x32 LCD Driver
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
Low-Power LCD Microcontroller
Rev 10; 7/08
logo
STMicroelectronics
STEVAL-IAS003V1 STMICROELECTRONICS-STEVAL-IAS003V1 Datasheet
92Kb / 4P
Counter with STM8L101xx low-power microcontroller and LCD
10-Sep-2009
logo
List of Unclassifed Man...
DLP-MAVLCD1 ETC2-DLP-MAVLCD1 Datasheet
333Kb / 11P
LCD / MICROCONTROLLER MODULE
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com