Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8322 Datasheet (PDF) - Motorola, Inc

56F8322 Datasheet PDF - Motorola, Inc
Part # 56F8322
Download  56F8322 Download
File Size   1929.47 Kbytes
Page   136 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-bit Hybrid Controllers

56F8322 Datasheet (PDF)

Go To PDF Page Download Datasheet
56F8322 Datasheet PDF - Motorola, Inc

Part # 56F8322
Download  56F8322 Click to download

File Size   1929.47 Kbytes
Page   136 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-bit Hybrid Controllers

56F8322 Datasheet (HTML) - Motorola, Inc


56F8322 Product details

56F8322/56F8122 General Description
Note: Features in italics are NOT available in the 56F8122 device.
• Up to 60 MIPS at 60MHz core frequency
• DSP and MCU functionality in a unified, C-efficient architecture
• 32KB Program Flash
• 4KB Program RAM
• 8KB Data Flash
• 8KB Data RAM
• 8KB Boot Flash
• One 6-channel PWM module
• Two 3-channel 12-bit ADCs
• Temperature Sensor
• One Quadrature Decoder
• FlexCAN module
• Up to two Serial Communication Interfaces (SCIs)
• Up to two Serial Peripheral Interfaces (SPIs)
• Two general-purpose Quad Timers
• Computer Operating Properly (COP)/Watchdog
• On-Chip Relaxation Oscillator
• JTAG/Enhanced On-Chip Emulation (OnCE™) for unobtrusive, real-time debugging
• Up to 21 GPIO lines
• 48-pin LQFP Package

56F8322/56F8122 Features
Hybrid Controller Core
• Efficient 16-bit 56800E family hybrid controller engine with dual Harvard architecture
• Up to 60 Million Instructions Per Second (MIPS) at 60MHz core frequency
• Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)
• Four 36-bit accumulators, including extension bits
• Arithmetic and logic multi-bit shifter
• Parallel instruction set with unique DSP addressing modes
• Hardware DO and REP loops
• Three internal address buses
• Four internal data buses
• Instruction set supports both DSP and controller functions
• Controller-style addressing modes and instructions for compact code
• Efficient C compiler and local variable support
• Software subroutine and interrupt stack with depth limited only by memory
• JTAG/EOnCE debug programming interface

Memory
Note: Features in italics are NOT available in the 56F8122 device.
• Harvard architecture permits as many as three simultaneous accesses to program and data memory
• Flash security protection
• On-chip memory, including a low-cost, high-volume Flash solution
    — 32KB of Program Flash
    — 4KB of Program RAM
    — 8KB of Data Flash
    — 8KB of Data RAM
    — 8KB of Boot Flash
• EEPROM emulation capability




Similar Part No. - 56F8322

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 140P
16-bit Hybrid Controllers
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 128P
56F8322 16-bit Hybrid Controller
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
16-bit Digital Signal Controllers
More results


Similar Description - 56F8322

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
16-bit Hybrid Controllers
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
16-BIT HYBRID CONTROLLERS
logo
Freescale Semiconductor...
56F8355 FREESCALE-56F8355 Datasheet
2Mb / 164P
16-bit Hybrid Controllers
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
16-BIT HYBRID CONTROLLERS
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com