Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF640 Datasheet (PDF) - First Components International

IRF640 Datasheet PDF - First Components International
Part # IRF640
Download  IRF640 Download
File Size   158.63 Kbytes
Page   5 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 18A 200V N CHANNEL POWER MOSFET

IRF640 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF640 Datasheet PDF - First Components International

Part # IRF640
Download  IRF640 Click to download

File Size   158.63 Kbytes
Page   5 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 18A 200V N CHANNEL POWER MOSFET

IRF640 Datasheet (HTML) - First Components International


IRF640 Product details

GENERAL DESCRIPTION
This Power MOSFET is designed for low voltage, high speed power switching applications such as switching regulators, converters, solenoid and relay drivers.

FEATURES
◆ Silicon Gate for Fast Switching Speeds
◆ Low RDS(on) to Minimize On-Losses. Specified at Elevated
   Temperature
◆ Rugged – SOA is Power Dissipation Limited
◆ Source-to-Drain Characterized for Use With Inductive
   Loads




Similar Part No. - IRF640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640 PHILIPS-IRF640 Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
IRF640 FAIRCHILD-IRF640 Datasheet
916Kb / 10P
200V N-Channel MOSFET
More results


Similar Description - IRF640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
March 1999
logo
Fairchild Semiconductor
IRF640N FAIRCHILD-IRF640N Datasheet
160Kb / 11P
N-Channel Power MOSFETs 200V, 18A, 0.15ohm
FDP18N20F FAIRCHILD-FDP18N20F Datasheet
689Kb / 10P
N-Channel MOSFET 200V, 18A, 0.14廓
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
UF640V UTC-UF640V Datasheet
214Kb / 5P
18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
IRF640PBF THINKISEMI-IRF640PBF Datasheet
1,002Kb / 6P
18A,200V Heatsink N-Channel Type Power MOSFET
logo
First Components Intern...
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
IRF640FP 18A 200V N CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com