Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBFR6020JP Datasheet (PDF) - First Components International

PBFR6020JP Datasheet PDF - First Components International
Part # PBFR6020JP
Download  PBFR6020JP Download
File Size   1003.59 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Voltage Range 16 to 28V Current 60 Ampere

PBFR6020JP Datasheet (PDF)

Go To PDF Page Download Datasheet
PBFR6020JP Datasheet PDF - First Components International

Part # PBFR6020JP
Download  PBFR6020JP Click to download

File Size   1003.59 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Voltage Range 16 to 28V Current 60 Ampere

PBFR6020JP Datasheet (HTML) - First Components International




Similar Part No. - PBFR6020JP

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PBFR6018JP FCI-PBFR6018JP Datasheet
1,003Kb / 2P
Voltage Range 16 to 28V Current 60 Ampere
PBFR6030JP FCI-PBFR6030JP Datasheet
1,003Kb / 2P
Voltage Range 16 to 28V Current 60 Ampere
PBFR6045JP FCI-PBFR6045JP Datasheet
640Kb / 2P
Low forward voltage drop
More results


Similar Description - PBFR6020JP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR120 RECTRON-SR120 Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
05S20 RECTRON-05S20 Datasheet
316Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 0.5 Ampere
logo
DAESAN ELECTRONIC CORP.
SM120 DAESAN-SM120 Datasheet
264Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
logo
WILLAS ELECTRONIC CORP
1S20 WILLAS-1S20 Datasheet
859Kb / 2P
VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
Yea Shin Technology Co....
KBPC15005 YEASHIN-KBPC15005 Datasheet
373Kb / 2P
VOLTAGE RANGE 50 TO 1000V CURRENT 15 Ampere
logo
First Components Intern...
PBFR5006JP FCI-PBFR5006JP Datasheet
1Mb / 2P
Voltage Range 200 to 600V Current 50 Ampere
PBFR6018JP FCI-PBFR6018JP Datasheet
1,003Kb / 2P
Voltage Range 16 to 28V Current 60 Ampere
PBFR6030JP FCI-PBFR6030JP Datasheet
1,003Kb / 2P
Voltage Range 16 to 28V Current 60 Ampere
logo
Rectron Semiconductor
KSLDB260S RECTRON-KSLDB260S Datasheet
112Kb / 8P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 60 Volts CURRENT 2.0 Ampere
2020-10 REV:O
SR1645S RECTRON-SR1645S Datasheet
481Kb / 4P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 40 to 60 Volts CURRENT 16.0 Ampere
2022-04 REV:A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com