Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC7856 Datasheet (PDF) - NEC

MC7856 Datasheet PDF - NEC
Part # MC7856
Download  MC7856 Download
File Size   21.89 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CATV 22 dB PUSH-PULL AMPLIFIER

MC7856 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC7856 Datasheet PDF - NEC

Part # MC7856
Download  MC7856 Click to download

File Size   21.89 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CATV 22 dB PUSH-PULL AMPLIFIER

MC7856 Datasheet (HTML) - NEC


MC7856 Product details

DESCRIPTION
The MC-7856 is a GaAs hybrid integrated circuit designed to be used as the input device in CATV applications up to 860 MHz. This unit has a minimum gain of 21.5 dB at 860 MHz, and because it is a GaAs device, it has lower distortion and lower noise figure. Reliability is assured by NECs stringent quality and process control procedures. Devices are assembled and tested using fully automated equipment to maximize the consistency in part to part performance.

FEATURES
• GALLIUM ARSENIDE ACTIVE DEVICES
• LOW DISTORTION
• LOW NOISE FIGURE (5.7 dB TYP at 860 MHz)
• HIGH RELIABILITY (FIT = 125 at heat sink temperature of 100°C, Report available)
• INDUSTRY COMPATIBLE PACKAGE




Similar Part No. - MC7856

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
MC7800 ONSEMI-MC7800 Datasheet
217Kb / 31P
1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
439Kb / 28P
Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results


Similar Description - MC7856

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7856 NEC-MC-7856 Datasheet
23Kb / 2P
CATV 22 dB PUSH-PULL AMPLIFIER
MC-7852 NEC-MC-7852 Datasheet
22Kb / 2P
CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7852 CEL-MC-7852 Datasheet
24Kb / 2P
CATV 18 dB PUSH-PULL AMPLIFIER
MC-7852G CEL-MC-7852G Datasheet
25Kb / 2P
CATV 18 dB PUSH-PULL AMPLIFIER
MC-7856 CEL-MC-7856 Datasheet
25Kb / 2P
CATV 22 dB PUSH-PULL AMPLIFIER
MC-7856G CEL-MC-7856G Datasheet
26Kb / 2P
CATV 22 dB PUSH-PULL AMPLIFIER
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7832HA CEL-MC-7832HA Datasheet
158Kb / 5P
1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com