Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33198 Datasheet (PDF) - Motorola, Inc

MC33198 Datasheet PDF - Motorola, Inc
Part # MC33198
Download  MC33198 Download
File Size   296.39 Kbytes
Page   11 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Automotive High Side TMOS Driver

MC33198 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33198 Datasheet PDF - Motorola, Inc

Part # MC33198
Download  MC33198 Click to download

File Size   296.39 Kbytes
Page   11 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Automotive High Side TMOS Driver

MC33198 Datasheet (HTML) - Motorola, Inc


MC33198 Product details

Automotive High Side TMOS Driver

The MC33198D is a high side TMOS driver, dedicated for automotive applications. It is used in conjunction with an external power MOSFET for high side drive applications. The device can drive and protect a large variety of MOSFET. The device has CMOS compatible input control, charge pump to drive the MOSFET gate, fault detection circuitry based on programmable Vds monitoring to detect shorted load. It also includes a programmable timer function to eliminate undesired switch off due to in rush currents and a status pin which reports the output status in both on and off MOSFET state.

• Designed for Automotive High Side Driver Application
• Works with a Wide Variety of N-Channel Power MOSFETs
• PWM Capability
• On Board Charge Pump Capable of Charging 25nF in less than 1ms with No External Components Required
• Drive Inductive Load with No External Clamp Circuitry Required
• CMOS Logic Compatible Input Control
• TMOS Over Current and Short Circuit Protection
• Fault Output to Report an Over MOSFET Current Condition
• Output Status Available when MOSFET is On or Off
• Extended Temperature Range from -40°C to 125°C
• Protected Against Automotive Transients with few External Components
• Over Voltage and Under Voltage Shutdown




Similar Part No. - MC33198

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33198D FREESCALE-MC33198D Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
More results


Similar Description - MC33198

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
Automotive Quad Low Side Driver
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
Automotive Dual High Side TMOS Driver
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
Dual High-Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
Automotive Dual High Side Driver
logo
STMicroelectronics
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
Quad channel high side driver for automotive applications
25-Feb-2008
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
HIGH?밪IDE TMOS DRIVER
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
High-Side Automotive Gate Driver IC
December-2017, Rev. 3
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com