Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401W Datasheet (PDF) - Foshan Blue Rocket Electronics Co.,Ltd.

MMBT4401W Datasheet PDF - Foshan Blue Rocket Electronics Co.,Ltd.
Part # MMBT4401W
Download  MMBT4401W Download
File Size   840.6 Kbytes
Page   6 Pages
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.
Description Silicon PNP transistor in a SOT-323 Plastic Package

MMBT4401W Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT4401W Datasheet PDF - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMBT4401W
Download  MMBT4401W Click to download

File Size   840.6 Kbytes
Page   6 Pages
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.
Description Silicon PNP transistor in a SOT-323 Plastic Package

MMBT4401W Datasheet (HTML) - Foshan Blue Rocket Electronics Co.,Ltd.


MMBT4401W Product details

Descriptions
Silicon NPN transistor in a SOT-323 Plastic Package.

Features
   ESD Rating: Human Body Model; 4 kV, Machine Model; 400 V.

Applications
   Medium power amplifier and switch requiring collector currents up to 500 mA.




Similar Part No. - MMBT4401W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT4401W SEMTECH_ELEC-MMBT4401W Datasheet
157Kb / 2P
NPN Silicon General Purpose Transistor
logo
Pan Jit International I...
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
SeCoS Halbleitertechnol...
MMBT4401W SECOS-MMBT4401W Datasheet
304Kb / 5P
Switching Transistor
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
WILLAS ELECTRONIC CORP
MMBT4401WT1 WILLAS-MMBT4401WT1 Datasheet
533Kb / 6P
General Purpose Transistors
More results


Similar Description - MMBT4401W

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
8550W FOSHAN-8550W Datasheet
801Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
BC846W FOSHAN-BC846W Datasheet
1Mb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
BC847W FOSHAN-BC847W Datasheet
697Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
BC856W FOSHAN-BC856W Datasheet
710Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
MMBT2907AW FOSHAN-MMBT2907AW Datasheet
1Mb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
MMBT3906W FOSHAN-MMBT3906W Datasheet
847Kb / 7P
Silicon PNP transistor in a SOT-323 Plastic Package
MMBT4403W FOSHAN-MMBT4403W Datasheet
845Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
MMBT5551W FOSHAN-MMBT5551W Datasheet
993Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
MMBTA92W FOSHAN-MMBTA92W Datasheet
712Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
2SA1577W FOSHAN-2SA1577W Datasheet
686Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com