Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73861 Datasheet (PDF) - Microchip Technology

MCP73861 Datasheet PDF - Microchip Technology
Part # MCP73861
Download  MCP73861 Download
File Size   402.84 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers

MCP73861 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP73861 Datasheet PDF - Microchip Technology

Part # MCP73861
Download  MCP73861 Click to download

File Size   402.84 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers

MCP73861 Datasheet (HTML) - Microchip Technology


MCP73861 Product details

Description:
The MCP7386X family of devices features highly advanced linear charge management controllers for use in space-limited, cost-sensitive applications. The devices combine high-accuracy, constant voltage and current regulation, cell preconditioning, cell temperature monitoring, advanced safety timers, automatic charge termination, internal current sensing, reverse-blocking protection, charge status and fault indication in either a space-saving 16-pin 4 x 4 QFN package, or a 16-pin SOIC package. The MCP7386X provides a complete, fully functional, stand-alone charge management solution with a minimum number of external components.

Features:
• Linear Charge Management Controllers:
   - Integrated Pass Transistor
   - Integrated Current Sense
   - Reverse-Blocking Protection
• High-Accuracy Preset Voltage Regulation: + 0.5%
• Four Selectable Voltage Regulation Options:
   - 4.1V, 4.2V – MCP73861/3
   - 8.2V, 8.4V – MCP73862/4
• Programmable Charge Current: 1.2A Maximum
• Programmable Safety Charge Timers
• Preconditioning of Deeply Depleted Cells
• Automatic End-of-Charge Control
• Optional Continuous Cell Temperature Monitoring
• Charge Status Output for Direct LED Drive
• Fault Output for Direct LED Drive
• Automatic Power-Down
• Thermal Regulation
• Temperature Range: -40°C to +85°C
• Packaging: 16-Pin, 4 x 4 QFN
                     16-Pin SOIC

Applications:
• Lithium-Ion/Lithium-Polymer Battery Chargers
• Personal Data Assistants (PDAs)
• Cellular Telephones
• Hand-Held Instruments
• Cradle Chargers
• Digital Cameras
• MP3 Players




Similar Part No. - MCP73861

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861 Datasheet
624Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861 Datasheet
500Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
MCP73861-I/ML MICROCHIP-MCP73861-I/ML Datasheet
462Kb / 28P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861-I/ML MICROCHIP-MCP73861-I/ML Datasheet
624Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861-I/SL MICROCHIP-MCP73861-I/SL Datasheet
462Kb / 28P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
More results


Similar Description - MCP73861

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com