Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904 Datasheet (PDF) - First Components International

MMBT3904 Datasheet PDF - First Components International
Part # MMBT3904
Download  MMBT3904 Download
File Size   84.81 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW NPN Bipolar Transistors

MMBT3904 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3904 Datasheet PDF - First Components International

Part # MMBT3904
Download  MMBT3904 Click to download

File Size   84.81 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW NPN Bipolar Transistors

MMBT3904 Datasheet (HTML) - First Components International


MMBT3904 Product details

Feature
* Power Dissipation Pcm= 200 mW (Ta=25C)
* Collector Current Icm=0.2A
* Collector-base Voltage Vbr (cbo)= 60V
* Operating and Storage Junction Temperature Range Tj. Tstg: -55C ~ +150C
* Marking 1AM




Similar Part No. - MMBT3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904 ONSEMI-MMBT3904 Datasheet
296Kb / 12P
GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
NXP Semiconductors
MMBT3904 PHILIPS-MMBT3904 Datasheet
48Kb / 8P
NPN switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3904 ZOWIE-MMBT3904 Datasheet
121Kb / 6P
GENERAL PURPOSE TRANSISTOR NPN SILICON
More results


Similar Description - MMBT3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMJT9410 ONSEMI-MMJT9410 Datasheet
74Kb / 5P
Bipolar Power Transistors NPN Silicon
October, 2006 ??Rev. 6
NJT4031N ONSEMI-NJT4031N Datasheet
89Kb / 6P
Bipolar Power Transistors NPN Silicon
August, 2007 - Rev. 0
logo
Micro Commercial Compon...
MMDT3904 MCC-MMDT3904 Datasheet
113Kb / 2P
200mW Plastic-Encapsulate Transistors
MMDT3904 MCC-MMDT3904_11 Datasheet
219Kb / 2P
200mW Plastic-Encapsulate Transistors
logo
Rectron Semiconductor
PN2222A RECTRON-PN2222A Datasheet
500Kb / 5P
TO - 92 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
Unisonic Technologies
UD3018 UTC-UD3018 Datasheet
114Kb / 3P
NPN POWER BIPOLAR TRANSISTORS
logo
ON Semiconductor
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
Unisonic Technologies
UD3018 UTC-UD3018_15 Datasheet
114Kb / 3P
NPN POWER BIPOLAR TRANSISTORS
logo
First Components Intern...
MMBT3906 FCI-MMBT3906 Datasheet
96Kb / 1P
200mW PNP Bipolar Transistors
logo
Micro Commercial Compon...
MMDT3904 MCC-MMDT3904_13 Datasheet
247Kb / 2P
Plastic-Encapsulate Transistors 200mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com