Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN3304 Datasheet (PDF) - Panasonic Semiconductor

MN3304 Datasheet PDF - Panasonic Semiconductor
Part # MN3304
Download  MN3304 Download
File Size   55.36 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 512-Stage Ultra Low Voltage Operation BBD for Audio Signals

MN3304 Datasheet (PDF)

Go To PDF Page Download Datasheet
MN3304 Datasheet PDF - Panasonic Semiconductor

Part # MN3304
Download  MN3304 Click to download

File Size   55.36 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 512-Stage Ultra Low Voltage Operation BBD for Audio Signals

MN3304 Datasheet (HTML) - Panasonic Semiconductor


MN3304 Product details

■ Overview
The MN3304 is a 512-stage ultra low voltage operation BBD variable delay line in audio frequency range. The device operates on +3V supply and provides a signal delay up to 25.6 ms and is suitable for use as reverberation effect of low voltage operation audio equipment such as portable stereo, radio cassette recorder and microphone.

■ Features
• Variable signal delay of the audio signal : 0.256 to 25.6 ms
• Wide range of supply voltage : 1.8 to 5.0 V
• No insertion loss : Li=0 dB typ.
• Wide dynamic range : S/N=73 dB typ.
• Low distortion : THD=0.7 % typ. (Vi=0.22 Vrms)
• Clock frequency range : 10 to 200 kHz (1.8 V≤VDD<4.0 V)
                                         10 kHz to 1 MHz (4.0 V≤VDD≤5.0 V)
• N-channel 2-layer silicon gate process
• 8-Pin Dual-In-Line Plastic Package

■ Applications
• Reverberation and echo effects of audio equipment such as radio cassette recorder, car radio, portable radio, portable stereo, echo microphone and Karaoke machine, etc.
• Sound effect of electronic musical instruments
• Variable or fixed delay of analog signals




Similar Part No. - MN3304

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN3306 PANASONIC-MN3306 Datasheet
57Kb / 5P
128-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3307 PANASONIC-MN3307 Datasheet
61Kb / 5P
1024-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3308 PANASONIC-MN3308 Datasheet
55Kb / 5P
2048-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3309 PANASONIC-MN3309 Datasheet
57Kb / 5P
256-Stage Ultra Low Voltage Operation BBD for Audio Signals
More results


Similar Description - MN3304

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN3004 PANASONIC-MN3004 Datasheet
161Kb / 5P
512-STAGE LOW NOISE BBD
MN3204 PANASONIC-MN3204 Datasheet
180Kb / 5P
512-STAGE LOW VOLTAGE OPERATION LOW NOISE BBD
MN3208 PANASONIC-MN3208 Datasheet
172Kb / 5P
2048 STAGE LOW VOLTAGE OPERATION LOW NOISE BBD
MN3206 PANASONIC-MN3206 Datasheet
180Kb / 5P
128-STAGE LOW VOLTAGE OPERATION LOW NOISE BBD
MN3209 PANASONIC-MN3209 Datasheet
179Kb / 5P
256 STAGE LOW VOLTAGE OPERATION LOW NOISE BBD
MN3210 PANASONIC-MN3210 Datasheet
179Kb / 5P
DUAL 512-STAGE LOW VOLTAGE OPERATION LOW NOISE BBD
MN3308 PANASONIC-MN3308 Datasheet
55Kb / 5P
2048-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3307 PANASONIC-MN3307 Datasheet
61Kb / 5P
1024-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3306 PANASONIC-MN3306 Datasheet
57Kb / 5P
128-Stage Ultra Low Voltage Operation BBD for Audio Signals
MN3309 PANASONIC-MN3309 Datasheet
57Kb / 5P
256-Stage Ultra Low Voltage Operation BBD for Audio Signals
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com