Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS2907A Datasheet (PDF) - List of Unclassifed Manufacturers

MPS2907A Datasheet PDF - List of Unclassifed Manufacturers
Part # MPS2907A
Download  MPS2907A Download
File Size   1035.09 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TO-92 PLASTIC ENCAPSULATE TRANSISTORS

MPS2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS2907A Datasheet PDF - List of Unclassifed Manufacturers

Part # MPS2907A
Download  MPS2907A Click to download

File Size   1035.09 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TO-92 PLASTIC ENCAPSULATE TRANSISTORS

MPS2907A Datasheet (HTML) - List of Unclassifed Manufacturers


MPS2907A Product details

FEATURES
   Power dissipation
      PCM: 0.625W (Tamb=25°C)
   Collector current
      ICM: -0.6 A
   Collector-base voltage
      V(BR)CBO: -60 V
   Operating and storage junction temperature range
      Tj, Tstg: -55°C to +150°C 




Similar Part No. - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2907A MOTOROLA-MPS2907A Datasheet
245Kb / 6P
General Purpose Transistors
logo
ON Semiconductor
MPS2907A ONSEMI-MPS2907A Datasheet
115Kb / 8P
General Purpose Transistors(PNP Silicon)
October, 2001 ??Rev. 0
logo
Samsung semiconductor
MPS2907A SAMSUNG-MPS2907A Datasheet
36Kb / 1P
PNP (GENERAL PURPOSE TRANSISTOR)
logo
General Semiconductor
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Weitron Technology
MPS2907A WEITRON-MPS2907A Datasheet
229Kb / 4P
PNP General Purpose Transistors
More results


Similar Description - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com