Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

695D Datasheet (PDF) - Vishay Siliconix

695D Datasheet PDF - Vishay Siliconix
Part # 695D
Download  695D Download
File Size   198.28 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated

695D Datasheet (PDF)

Go To PDF Page Download Datasheet
695D Datasheet PDF - Vishay Siliconix

Part # 695D
Download  695D Click to download

File Size   198.28 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated

695D Datasheet (HTML) - Vishay Siliconix


695D Product details

FEATURES
• Pad compatible with 194D and
   MIL-PRF-55365/4 (CWR06)
• 8 mm, 12 mm 16 mm tape to EIA-481 and
   reeling per IEC 286-3. 7" [178 mm] standard
   13" [330 mm] available
• Terminations: 100 % tin (2) standard,
   tin / lead available
• Material categorization:
   for definitions of compliance please see
   www.vishay.com/doc?99912




Similar Part No. - 695D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
695D VISHAY-695D Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
695D VISHAY-695D Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
695D104X0050A2 VISHAY-695D104X0050A2 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
695D104X9050A2 VISHAY-695D104X9050A2 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
695D105X0020A2 VISHAY-695D105X0020A2 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
More results


Similar Description - 695D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D VISHAY-195D Datasheet
125Kb / 1P
Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
16-May-06
195D VISHAY-195D_08 Datasheet
118Kb / 9P
Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
05-May-08
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
28-Jun-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
19-Aug-13
194D VISHAY-194D_17 Datasheet
309Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
195D VISHAY-195D_17 Datasheet
337Kb / 25P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com