Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP271 Datasheet (PDF) - Analog Devices

OP271 Datasheet PDF - Analog Devices
Part # OP271
Download  OP271 Download
File Size   411.34 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HIGH SPEED DUAL OPERATIONAL AMPLIFIER

OP271 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP271 Datasheet PDF - Analog Devices

Part # OP271
Download  OP271 Click to download

File Size   411.34 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HIGH SPEED DUAL OPERATIONAL AMPLIFIER

OP271 Datasheet (HTML) - Analog Devices


OP271 Product details

GENERAL DESCRIPTION
The OP271 is a unity-gain stable monolithic dual op amp featuring excellent speed, 8.5 V/μs typical, and fast settling time, 2 μs typical to 0. 01%. The OP271 has a gain bandwidth of 5 MHz with a high phase margin of 62°.
  
FEATURES
• Excellent Speed • • • • • • • • 8.5 V/μs Typ
• Fast Settling (0.01%) • • • • • • • 2 μs Typ
• Unity-Gain Stable
• High-Gain Bandwidth • • • • • • • • 5 MHz Typ
• Low Input Offset Voltage • • • • • 200 μV Max
• Low Offset Voltage Drift • • • • • 2μV/°C Max
• High Gain • • • • • • • • • • • • 400 V/mV Min
• Outstanding CMR • • • • • • • • • • 106 dB Min
• Industry Standard 8-Pin Dual Pinout
• Available in Die Form
  




Similar Part No. - OP271

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP271 AD-OP271 Datasheet
270Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
logo
TT Electronics.
OP271 TTELEC-OP271 Datasheet
298Kb / 3P
Infrared Light Emitting Diode in SMD Plastic Package
logo
Analog Devices
OP271AZ AD-OP271AZ Datasheet
270Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
OP271EZ AD-OP271EZ Datasheet
270Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
OP271FZ AD-OP271FZ Datasheet
270Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
More results


Similar Description - OP271

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-271 AD-OP-271 Datasheet
411Kb / 10P
HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
OP249 AD-OP249 Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP271 AD-OP271_02 Datasheet
270Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
logo
Texas Instruments
LM833P TI1-LM833P Datasheet
954Kb / 26P
DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
logo
Analog Devices
OP271 AD-OP271_15 Datasheet
869Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
logo
Texas Instruments
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
LM833 TI1-LM833 Datasheet
1Mb / 33P
Dual High-Speed Audio Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_17 Datasheet
441Kb / 19P
Precision JFET, High Speed, Dual Operational Amplifier
10/15-Rev. H to Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com