Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB815L Datasheet (PDF) - OPTEK Technologies

OPB815L Datasheet PDF - OPTEK Technologies
Part # OPB815L
Download  OPB815L Download
File Size   367.68 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Deep Gap Slot ted Op ti cal Switch

OPB815L Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB815L Datasheet PDF - OPTEK Technologies

Part # OPB815L
Download  OPB815L Click to download

File Size   367.68 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Deep Gap Slot ted Op ti cal Switch

OPB815L Datasheet (HTML) - OPTEK Technologies


OPB815L Product details

Description:
The OPB815 consists of an infrared Light Emitting Diode (LED) and an NPN silicon phototransistor mounted in a low-cost plastic housing. The device is designed to switch electrical states when an opaque object is passed through the slot. The slot is wider and deeper than many slotted switches and will accommodate a variety of different materials.
This device can be ordered with PCBoard solderable leads or with 26 AWG stranded, UL rated wire lengths from 6” (152 mm) to 24” (610 mm) and terminated with a variety of industry standard connectors. The result is an off-the-shelf sensor assembly tailored to the specific application’s mechanical and electrical requirements.

Features:
• Wide slot width: 0.375” (9.5 mm)
• Deep slot depth: 0.430” (10.9 mm)
• Selectable wire lengths from 6” (152mm) to 24” (610 mm)
• Seven popular connector options

Applications:
• Non-contact object sensing
• Assembly line automation
• Machine automation
• Equipment security
• Machine safety




Similar Part No. - OPB815L

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB815L TTELEC-OPB815L Datasheet
295Kb / 4P
Deep Gap Slotted Switch with Wire and Connector Options
OPB815L TTELEC-OPB815L Datasheet
530Kb / 4P
Deep Gap Slotted Switch with Wire and Connector Options
06/2016
More results


Similar Description - OPB815L

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB360 OPTEK-OPB360 Datasheet
1Mb / 4P
Slotted Op ti cal Switches
Aug-1996
OPB815W OPTEK-OPB815W Datasheet
185Kb / 2P
DEEP GAP SLOTTED OPTICAL SWITCH
Dec-2004
OPB380 OPTEK-OPB380 Datasheet
1Mb / 4P
Slotted Op ti cal Switches
Aug-1996
OPB821TX OPTEK-OPB821TX Datasheet
141Kb / 2P
Hi- Rel Slot ted Op ti cal Switches
OPB815W OPTEK-OPB815W_06 Datasheet
195Kb / 2P
DEEP GAP SLOTTED OPTICAL SWITCH
January 2006
logo
LUMEX INC.
CLS-TS11A12250R LUMEX-CLS-TS11A12250R Datasheet
47Kb / 1P
TED LED ILLUMINATED TOGGLE SWITCH
logo
Semikron International
SKCD61C120I3 SEMIKRON-SKCD61C120I3_10 Datasheet
225Kb / 2P
CAL-DIODE
SKCD06C060IHD SEMIKRON-SKCD06C060IHD_10 Datasheet
168Kb / 2P
CAL-DIODE
SKCD11C120I3 SEMIKRON-SKCD11C120I3_10 Datasheet
199Kb / 2P
CAL-DIODE
logo
TT Electronics.
OPB815L TTELEC-OPB815L Datasheet
295Kb / 4P
Deep Gap Slotted Switch with Wire and Connector Options
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com