Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C32X384CBE Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C32X384CBE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C32X384CBE
Download  PI5C32X384CBE Download
File Size   327.05 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 20-Bit, 2-Port Bus Switch

PI5C32X384CBE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C32X384CBE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C32X384CBE
Download  PI5C32X384CBE Click to download

File Size   327.05 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 20-Bit, 2-Port Bus Switch

PI5C32X384CBE Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C32X384CBE Product details

Description
Pericom Semiconductor’s PI5C32X384 and PI5C32X384C are 20-bit bus switches designed with a low On-Resistance allowing inputs to be connected directly to outputs. The bus switch creates no additional propagational delay or additional ground bounce noise. The switches are turned ON by the Bus Enable (BE) input signal. Four bus enable signals are provided, one for each of the upper and lower five bits of the two 10-bit buses.

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power 32X384 (0.2µA typical)
    – Ideally suited for notebook applications
• Packaging (Pb-free & Green Available):
    – 48-pin 150-mil wide plastic BQSOP (B)
    – 48-pin 240-mil wide plastic TSSOP (A)




Similar Part No. - PI5C32X384CBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32X384CBE PERICOM-PI5C32X384CBE Datasheet
464Kb / 5P
20-Bit, 2-Port Bus Switch
More results


Similar Description - PI5C32X384CBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
20-Bit, 2-Port Bus Switch
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
20-BIT TWO PORT BUS SWITCH
2004-Oct-01
logo
Pericom Semiconductor C...
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
20-Bit, 2-Port Bus Switch
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
20-Bit, 2-Port Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com