Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5047A Datasheet (PDF) - Richtek Technology Corporation

RT5047A Datasheet PDF - Richtek Technology Corporation
Part # RT5047A
Download  RT5047A Download
File Size   925.86 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Output LNB Supply and Control Voltage Regulator

RT5047A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5047A Datasheet PDF - Richtek Technology Corporation

Part # RT5047A
Download  RT5047A Click to download

File Size   925.86 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Output LNB Supply and Control Voltage Regulator

RT5047A Datasheet (HTML) - Richtek Technology Corporation


RT5047A Product details

General Description
The RT5047A is a highly integrated voltage regulator and interface IC, specifically design for supplying power and control signals from advanced satellite set-top box (STB) modules to the LNB down-converter in the antenna dish or to the multi-switch box.
The device is consists of the independent current-mode boost controller and low dropout linear regulator along with the circuitry required for 22KHz tone shaping to support DiSEqC™1.x communications.
The RT5047A has fault protection (over-current, over-temperature and under-voltage lockout).
The RT5047A are available in a SOP-8 (Exposed Pad) package to achieve optimized solution for thermal dissipation.

Features
• Wide Input Supply Voltage Range : 8V to 16V
• Output Current Limit of 550mA with 45ms timer
• Low Noise LNB Output Voltage (13.3V and 18.3V
   by SEL Pin)
• ±3% High Accuracy for 0mA to 500mA Current
   Output
• Push-Pull Output Stage minimizes 13.3V to
   18.3V and 18.3V to 13.3V Output Transition Time
• External 22kHz Tone Input
• Meet DiSEqCTM1.x Protocol
• Output Short Circuit Protection
• Over-temperature Protection

Applications
• LNB Power Supply and Control for Satellite Set-Top
   Box
• Analog and Digital Satellite Receivers/ Satellite TV,
   Satellite PC cards




Similar Part No. - RT5047A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047 Datasheet
902Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047GSP RICHTEK-RT5047GSP Datasheet
902Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
More results


Similar Description - RT5047A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator
March 17, 2011
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
Single LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com