Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21Q59 Datasheet (PDF) - Maxim Integrated Products

DS21Q59 Datasheet PDF - Maxim Integrated Products
Part # DS21Q59
Download  DS21Q59 Download
File Size   17.13 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RELIABILITY REPORT FOR DS21Q59, REV A2

DS21Q59 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21Q59 Datasheet PDF - Maxim Integrated Products

Part # DS21Q59
Download  DS21Q59 Click to download

File Size   17.13 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RELIABILITY REPORT FOR DS21Q59, REV A2

DS21Q59 Datasheet (HTML) - Maxim Integrated Products


DS21Q59 Product details

GENERAL DESCRIPTION
The DS21Q59 E1 quad transceiver contains all the necessary functions for connecting to four E1 lines. The DS21Q59 is a direct replacement for the DS21Q50, with the addition of signaling access and improved interrupt handling. It is composed of a line interface unit (LIU), framer, and a TDM backplane interface, and is controlled through an 8-bit parallel port configured for Intel or Motorola bus operations or serial port operation.

FEATURES
■ Four Complete E1 (CEPT) PCM-30/ISDN-PRI Transceivers
■ Pin Compatible with the DS21Q50
■ Long-Haul and Short-Haul Line Interfaces
■ 32-Bit or 128-Bit Crystal-Less Jitter Attenuator
■ Frames to FAS, CAS, and CRC4 Formats
■ CAS/CCS Signaling Support
■ 4MHz/8MHz/16MHz Clock Synthesizer
■ Flexible System Clock with Automatic Source Switching on Loss-of-Clock Source
■ Two-Frame Elastic-Store Slip Buffer on the Receive Side
■ Interleaving PCM Bus Operation Up to 16.384MHz
■ Configurable Parallel and Serial Port Operation
■ Detects and Generates Remote and AIS Alarms
■ Fully Independent Transmit and Receive Functionality
■ Four Separate Loopback Functions
■ PRBS Generation/Detection/Error Counting
■ 3.3V Low-Power CMOS
■ Large Counters for Bipolar and Code Violations, CRC4 Codeword Errors, FAS Word Errors, and E Bits
■ Eight Additional User-Configurable Output Pins
■ 100-Pin (14mm) LQFP Package

APPLICATIONS
    DSLAMs
    Routers
    IMA and WAN Equipment




Similar Part No. - DS21Q59

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q59 MAXIM-DS21Q59 Datasheet
657Kb / 76P
E1 Quad Transceiver
REV: 090104
DS21Q59L MAXIM-DS21Q59L Datasheet
657Kb / 76P
E1 Quad Transceiver
REV: 090104
DS21Q59LN MAXIM-DS21Q59LN Datasheet
657Kb / 76P
E1 Quad Transceiver
REV: 090104
DS21Q59 MAXIM-DS21Q59_V01 Datasheet
657Kb / 76P
E1 Quad Transceiver
REV: 090104
More results


Similar Description - DS21Q59

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
Reliability Qualification Report
logo
Maxim Integrated Produc...
32TSOP MAXIM-32TSOP Datasheet
33Kb / 11P
PACKAGE RELIABILITY REPORT
10/29/2004
logo
List of Unclassifed Man...
DS1208 ETC-DS1208 Datasheet
18Kb / 5P
dallas semiconductor reliability report
logo
Maxim Integrated Produc...
DS3930 MAXIM-DS3930 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS3930, REV A1
08/01/03 Rev A1
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
Reliability Qualification Report
logo
Maxim Integrated Produc...
MAX5026EUT MAXIM-MAX5026EUT Datasheet
93Kb / 8P
RELIABILITY REPORT FOR MAX5026EUT PLASTIC ENCAPSULATED DEVICES
Rev. A March 12, 2003
DS1249W MAXIM-DS1249W Datasheet
16Kb / 6P
module device DS1249W RELIABILITY REPORT
09/13/2004
MAX2055EUP MAXIM-MAX2055EUP Datasheet
128Kb / 8P
RELIABILITY REPORT FOR MAX2055EUP PLASTIC ENCAPSULATED DEVICES
Rev. A April 2, 2004
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
Reliability Qualification Report
logo
Maxim Integrated Produc...
MAX6605MXK MAXIM-MAX6605MXK Datasheet
90Kb / 8P
RELIABILITY REPORT FOR PLASTIC ENCAPSULATED DEVICES
Rev. A June 4, 2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com