Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE1604 Datasheet (PDF) - NTE Electronics

NTE1604 Datasheet PDF - NTE Electronics
Part # NTE1604
Download  NTE1604 Download
File Size   27.22 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit FM IF System for Car Radio

NTE1604 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1604 Datasheet PDF - NTE Electronics

Part # NTE1604
Download  NTE1604 Click to download

File Size   27.22 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit FM IF System for Car Radio

NTE1604 Datasheet (HTML) - NTE Electronics


NTE1604 Product details

Description:

The NTE1604 is an integrated circuit in a 16–Lead SIP type package designed for use in FM car stereo receivers. This device features versatile muting characteristics and allows receiver designers to realize the muting performance according to their design concept.



Features:

• Versatile Mutings

   a. When Muting Operation is Performed under a Weak Signal Strength, an Attenuation Slope of the Audio Output Against the Input Signal Strength Varaitions can be Set at any Given value

   b. Maximum Muting Attenuation can be Selected Between about 6dB to 40dB

   c. Input Signal Strength level which Actuates the Muting Circuit can be Set Freely

• High Limiting Sensitivity (25dbµ Typ. with Muting OFF) Provides a Fine Quieting Characteristic

• High Signal–to–Noise Ratio: 78dB Typ

• Low Distortion (0.05% Typ) Available, if used with Double–Tuned Circuits

• Good AM Rejection Ratio (63dB with 6 Stages of Differential IF Amplifiers)

• Signal Merter Drive Output Proportional to the Input Signal Strength in dB

• Clamped (±VBE) AFC Output, Bandwidth Adjustable

• Delayed AGC Output for Front End Circuit



Functions:

• IF Amplification/Limiter

• AFC Output

• Muting Bandwidth

• Quadrature Detector

• Signal Meter Output

• Muting Under Weak Signal Strength

• AF Preamplifier

• AGC Output



 




Similar Part No. - NTE1604

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE160 NTE-NTE160 Datasheet
21Kb / 2P
Germanium PNP Transistor RF-IF Amp, FM Mixer OSC
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
NTE16000-ECG NTE-NTE16000-ECG Datasheet
125Kb / 4P
Polymeric Positive Temperature Coefficient
NTE16001 NTE-NTE16001 Datasheet
21Kb / 4P
Silicon NPN Transistor Video IF Amp
NTE16001-ECG NTE-NTE16001-ECG Datasheet
125Kb / 4P
Polymeric Positive Temperature Coefficient
More results


Similar Description - NTE1604

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
FM-IF Amplifier Circuit for Car Radio
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
FM IF System for Car Radio
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
FM IF System (Quadrature Detector) for Car Radio
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
FM IF Amplifier for Car Radio
logo
KEC(Korea Electronics)
KIA6029Z KEC-KIA6029Z Datasheet
314Kb / 14P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM IF SYSTEM IC FOR CAR ETR)
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
FM IF FOR CAR RADIO
logo
NTE Electronics
NTE1541 NTE-NTE1541 Datasheet
70Kb / 2P
Integrated Circuit FM IF Amp & Detector for Car Radio
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
FM IF System (Quadrature Detector) for Car Radio
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
FM IF SYSTEM FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
FM IF SYSTEM FOR CAR RADIO
2004.12.15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com