Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS299N3 Datasheet (PDF) - Cystech Electonics Corp.

BAS299N3 Datasheet PDF - Cystech Electonics Corp.
Part # BAS299N3
Download  BAS299N3 Download
File Size   347.71 Kbytes
Page   7 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description High ?뱒peed double diode

BAS299N3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS299N3 Datasheet PDF - Cystech Electonics Corp.

Part # BAS299N3
Download  BAS299N3 Click to download

File Size   347.71 Kbytes
Page   7 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description High ?뱒peed double diode

BAS299N3 Datasheet (HTML) - Cystech Electonics Corp.


BAS299N3 Product details

Features
• Small plastic SMD package
• High switching speed: max. 4ns
• Continuous reverse voltage: max. 100V
• Repetitive peak reverse voltage: max. 110V
• Repetitive peak forward current: max. 900mA.
• Pb-free package




Similar Part No. - BAS299N3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS299 DIODES-BAS299 Datasheet
218Kb / 5P
HIGH SPEED HIGH CURRENT QUAD SWITCHING DIODE
March 2019 Rev.1 - 2
BAS299-7 DIODES-BAS299-7 Datasheet
218Kb / 5P
HIGH SPEED HIGH CURRENT QUAD SWITCHING DIODE
March 2019 Rev.1 - 2
More results


Similar Description - BAS299N3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Cystech Electonics Corp...
1SS355S2 CYSTEKEC-1SS355S2 Datasheet
226Kb / 6P
High ?뱒peed switching diode
BAS16N3 CYSTEKEC-BAS16N3 Datasheet
229Kb / 6P
High ?뱒peed switching diode
BAV99C3 CYSTEKEC-BAV99C3 Datasheet
259Kb / 6P
High ?뱒peed double diode
BAV99S3 CYSTEKEC-BAV99S3 Datasheet
255Kb / 6P
High ?뱒peed double diode
DAN217S6R CYSTEKEC-DAN217S6R Datasheet
250Kb / 6P
High ?뱒peed multi-chip diode
MMBD5148N3 CYSTEKEC-MMBD5148N3 Datasheet
258Kb / 6P
High ?뱒peed double diode
logo
Rohm
1SR124-400A ROHM-1SR124-400A Datasheet
109Kb / 2P
High?뱒peed rectifier diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com