Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE1612 Datasheet (PDF) - NTE Electronics

NTE1612 Datasheet PDF - NTE Electronics
Part # NTE1612
Download  NTE1612 Download
File Size   18.7 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit AF PO, 0.7W for Battery Use

NTE1612 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1612 Datasheet PDF - NTE Electronics

Part # NTE1612
Download  NTE1612 Click to download

File Size   18.7 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit AF PO, 0.7W for Battery Use

NTE1612 Datasheet (HTML) - NTE Electronics


NTE1612 Product details

Features:

Wide Operating Voltage (2V to 6V)

Power Amplifier has High Output (430mW), Low Noise (0.25mVRMS) and Low Distortion (0.4%)

Maximum Output can be 700mW

High Ripple Rejection Ratio (typically 46dB)

Very Low High–Frequency Distortion and a Sort Cuppea Wave Form make this a Superior Audio Amplifier

Built–In Power Switching Circuit



Applications:

Portable Radio

Television

Cassette Tape Recorder

Intercoms



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Power Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . .  . . . . . . . . . . . . . 9V

Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . 950mW

Derate Above 25°C  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9.5mW

Operating Temperature Range, Topr –10 . . . . . . . . . . . . . . . . . . . . . . . . . . ° to +65°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –30° to +125°C




Similar Part No. - NTE1612

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
NTE1615 NTE-NTE1615 Datasheet
18Kb / 2P
Integrated Circuit B/W TV Tuner Bandswitch Circuit
NTE1616 NTE-NTE1616 Datasheet
20Kb / 2P
Integrated Circuit TV Sound IF Amp/Detector, Driver
More results


Similar Description - NTE1612

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1358 NTE-NTE1358 Datasheet
19Kb / 2P
Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE1798 NTE-NTE1798 Datasheet
21Kb / 2P
Integrated Circuit Dual, AF PO, 6W/Ch
NTE1815 NTE-NTE1815 Datasheet
24Kb / 2P
Integrated Circuit Module, AF PO, 20W, Dual Power Supply
NTE1817 NTE-NTE1817 Datasheet
23Kb / 2P
Integrated Circuit Module, AF PO, 20W, Dual Power Supply
NTE1818 NTE-NTE1818 Datasheet
23Kb / 2P
Integrated Circuit Module, AF PO, 25W/Ch, Dual Power Supply
NTE1875 NTE-NTE1875 Datasheet
21Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1877 NTE-NTE1877 Datasheet
22Kb / 2P
Integrated Circuit Module, Dual AF PO, 28W/Ch, Dual Power Supply
NTE7030 NTE-NTE7030 Datasheet
24Kb / 2P
Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE1874 NTE-NTE1874 Datasheet
81Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch Dual Power Supply
NTE1316 NTE-NTE1316 Datasheet
77Kb / 2P
Integrated Circuit Module, Dual, AF PO, 50W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com