Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L221 Datasheet (PDF) - IXYS Corporation

L221 Datasheet PDF - IXYS Corporation
Part # L221
Download  L221 Download
File Size   34.16 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Power Schottky Rectifier with common cathode

L221 Datasheet (PDF)

Go To PDF Page Download Datasheet
L221 Datasheet PDF - IXYS Corporation

Part # L221
Download  L221 Click to download

File Size   34.16 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Power Schottky Rectifier with common cathode

L221 Datasheet (HTML) - IXYS Corporation


L221 Product details

Features
• International standard package
• Very low VF
• Extremely low switching losses
• Low IRM-values
• Epoxy meets UL 94V-0

Applications
• Rectifiers in switch mode power supplies (SMPS)
• Free wheeling diode in low voltage converters

Advantages
• High reliability circuit operation
• Low voltage peaks for reduced protection circuits
• Low noise switching
• Low losses




Similar Part No. - L221

ManufacturerPart #DatasheetDescription
logo
AG Electronica
L2210-16 AGELECTRONICA-L2210-16 Datasheet
333Kb / 1P
MOTOR SIN ESCOBILLAS 1650 RPM/V 250W
24/12/15
L2210-1650 AGELECTRONICA-L2210-1650 Datasheet
333Kb / 1P
MOTOR SIN ESCOBILLAS 1650 RPM/V 250W
24/12/15
logo
Schneider Electric
L221N SCHNEIDER-L221N Datasheet
167Kb / 3P
SWITCH FUSIBLE LD 120/240V 30A 2P NEMA1Safety switch, light duty, fusible, 30A, 2 poles, 240 VAC, NEMA 1, neutral factory installed
Jun 23, 2021
More results


Similar Description - L221

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSSK80-0045 IXYS-DSSK80-0045 Datasheet
72Kb / 2P
Power Schottky Rectifier with common cathode
DSSK28-006B IXYS-DSSK28-006B Datasheet
141Kb / 1P
Power Schottky Rectifier with common cathode
DSSK80-006B IXYS-DSSK80-006B Datasheet
131Kb / 1P
Power Schottky Rectifier with common cathode
DSSK40-0015B IXYS-DSSK40-0015B Datasheet
34Kb / 2P
Power Schottky Rectifier with common cathode
DSSK20-0045A IXYS-DSSK20-0045A Datasheet
43Kb / 2P
Power Schottky Rectifier with common cathode
DSSK28-0045A IXYS-DSSK28-0045A Datasheet
46Kb / 2P
Power Schottky Rectifier with common cathode
DSSK60-0045A IXYS-DSSK60-0045A Datasheet
154Kb / 2P
Power Schottky Rectifier with common cathode
DSSK10-018A IXYS-DSSK10-018A Datasheet
46Kb / 2P
Power Schottky Rectifier with common cathode
DSSK60-0045B IXYS-DSSK60-0045B Datasheet
39Kb / 2P
Power Schottky Rectifier with common cathode
DSSK48-0025B IXYS-DSSK48-0025B Datasheet
142Kb / 1P
Power Schottky Rectifier with common cathode
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com