Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1150 Datasheet (PDF) - List of Unclassifed Manufacturers

M1150 Datasheet PDF - List of Unclassifed Manufacturers
Part # M1150
Download  M1150 Download
File Size   107.52 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2Hz 48V USE

M1150 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1150 Datasheet PDF - List of Unclassifed Manufacturers

Part # M1150
Download  M1150 Click to download

File Size   107.52 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2Hz 48V USE

M1150 Datasheet (HTML) - List of Unclassifed Manufacturers


M1150 Product details

[MOSDESIGN SEMICONDUCTOR CORP.]

FEATURES
• Totally built-in OSC.
• Operating voltage : 48v Typ. with a resistor load.
• Blink 64 cycles in about 32 seconds and keep on.
• M1150G : Gold plating.

APPLICATION
• For communication equipment use.




Similar Part No. - M1150

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1150 MOSDESIGN-M1150 Datasheet
93Kb / 1P
2 Hz 48V USE
2014-09-22
M1150N MOSDESIGN-M1150N Datasheet
93Kb / 1P
2 Hz 48V USE
2014-09-22
M1150P MOSDESIGN-M1150P Datasheet
93Kb / 1P
2 Hz 48V USE
2014-09-22
More results


Similar Description - M1150

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
-48V Hot Swap Controller
2003
logo
Astec America, Inc
DS650-9 ASTEC-DS650-9 Datasheet
100Kb / 4P
650 Watts 48V
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
-48V Hot Swap Controller
10/26/12
logo
Maxwell Technologies
BMOD0083 MAXWELL-BMOD0083_13 Datasheet
781Kb / 6P
48V MODULES
logo
Linear Technology
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
Negative 48V Hot Swap Controller
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV Datasheet
706Kb / 3P
TPV 24V & 48V Series
logo
Silver Telecom 2019
AG7200 SILVERTEL-AG7200 Datasheet
425Kb / 12P
48V Boost Converter Module
logo
Weidmuller
2838470000 WEIDMULLER-2838470000 Datasheet
740Kb / 5P
PRO BAS 240W 48V 5A
logo
MOSDESIGN SEMICONDUCTOR...
M1150 MOSDESIGN-M1150 Datasheet
93Kb / 1P
2 Hz 48V USE
2014-09-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com