Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3873A Datasheet (PDF) - Maxim Integrated Products

MAX3873A Datasheet PDF - Maxim Integrated Products
Part # MAX3873A
Download  MAX3873A Download
File Size   793.62 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC

MAX3873A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3873A Datasheet PDF - Maxim Integrated Products

Part # MAX3873A
Download  MAX3873A Click to download

File Size   793.62 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC

MAX3873A Datasheet (HTML) - Maxim Integrated Products


MAX3873A Product details

General Description
The MAX3873A is a compact, low-power 2.488Gbps/2.67Gbps clock-recovery and data-retiming IC for SDH/SONET applications. The phase-locked loop (PLL) recovers a synchronous clock signal from the serial NRZ data input. The input data is then retimed by this recovered clock, providing a clean data output. The MAX3873A meets all SDH/SONET jitter specifications, does not require an external reference clock to aid in frequency acquisition, and provides excellent tolerance to both deterministic and sinusoidal jitter. The MAX3873A provides a PLL loss-of-lock (LOL) output to indicate whether the CDR is in lock. The recovered data and clock outputs are CML with on-chip 50Ω back terminations on each line. The clock output can be powered down if not used.

Features
♦ Fully Integrated Clock Recovery and Data Retiming
♦ Power Dissipation: 260mW with +3.3V Supply
♦ Clock Jitter Generation: 5mUIRMS
♦ Exceeds ANSI, ITU, and Bellcore SDH/SONET Jitter Specifications
♦ Differential Input Range: 50mVP-P to 1.6VP-P
♦ Single +3.3V Power Supply
♦ PLL Fast Track (FASTRACK) Mode Available
♦ Clock Output Can Be Disabled
♦ Input Data Rate: 2.488Gbps or 2.67Gbps
♦ Selectable Output Amplitude
♦ Tolerates 2000 Consecutive Identical Digits
♦ Loss-of-Lock Indicator
♦ Differential CML Data and Clock Outputs
♦ Operating Temperature Range: -40°C to +85°C

Applications
    Switch Matrix Backplanes
    SDH/SONET Receivers and Regenerators
    Add/Drop Multiplexers
    Digital Cross-Connects
    SDH/SONET Test Equipment
    DWDM Transmission Systems




Similar Part No. - MAX3873A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873A MAXIM-MAX3873A Datasheet
230Kb / 10P
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
logo
List of Unclassifed Man...
MAX3873AEGP ETC-MAX3873AEGP Datasheet
83Kb / 7P
PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3873AEGP MAXIM-MAX3873AEGP Datasheet
230Kb / 10P
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873AETP+ MAXIM-MAX3873AETP+ Datasheet
230Kb / 10P
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
More results


Similar Description - MAX3873A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com