Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6610 Datasheet (PDF) - Nippon Precision Circuits Inc

SM6610 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM6610
Download  SM6610 Download
File Size   106.5 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description CMOS Monolithic Analog Output Temperature Sensor IC

SM6610 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6610 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM6610
Download  SM6610 Click to download

File Size   106.5 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description CMOS Monolithic Analog Output Temperature Sensor IC

SM6610 Datasheet (HTML) - Nippon Precision Circuits Inc


SM6610 Product details

OVERVIEW
SM6610 series is high-accuracy temperature sensor IC in the ultra small package. By using CMOS circuit, it realizes low voltage and low current consumption. The power down function contributes to decrease the current consumption of application set by activating intermittent function easily.

FEATURES
■ High linearity: ± 0.5% typ. (Ta = –20 to 80°C)
■ Operating temperature range: –40 to 100°C (VDD ≥ 2.7V)
■ Maximum output current load: ± 250µA
■ Output reference: VSS
■ Low current consumption: 5.5µA typ. (Ta = 25°C)
■ Low stand-by current: 0.5µA max.
■ Very small plastic package: SC82AB
■ Very small leadless package: VSP-4
■ Power down function
■ Molybdenum-gate CMOS Process




Similar Part No. - SM6610

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6610AD NPC-SM6610AD Datasheet
84Kb / 6P
CMOS Monolithic Temperature Sensor IC
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
CMOS Monolithic Temperature Sensor IC
SM6610BD NPC-SM6610BD Datasheet
84Kb / 6P
CMOS Monolithic Temperature Sensor IC
SM6610BH NPC-SM6610BH Datasheet
84Kb / 6P
CMOS Monolithic Temperature Sensor IC
More results


Similar Description - SM6610

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
CMOS Monolithic Temperature Sensor IC
logo
Mitsumi Electronics, Co...
MM1522 MITSUMI-MM1522 Datasheet
85Kb / 4P
Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
logo
Seiko Instruments Inc
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
CMOS TEMPERATURE SENSOR IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
Analog Output Temperature Sensor IC
logo
Seiko Instruments Inc
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
CMOS TEMPERATURE SENSOR IC
S8110C SII-S8110C Datasheet
486Kb / 23P
CMOS TEMPERATURE SENSOR IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
Temperature Sensor IC Analog Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com