Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP955 Datasheet (PDF) - OPTEK Technologies

OP955 Datasheet PDF - OPTEK Technologies
Part # OP955
Download  OP955 Download
File Size   710.56 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description PIN Sili con Pho todiode

OP955 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP955 Datasheet PDF - OPTEK Technologies

Part # OP955
Download  OP955 Click to download

File Size   710.56 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description PIN Sili con Pho todiode

OP955 Datasheet (HTML) - OPTEK Technologies


OP955 Product details

Description
The OP955 devices consists of a PIN silicon photodiode molded in a clear epoxy package which allows spectral response from visible to infrared wavelengths. The wide receiving angle provides relatively even reception over a large area. The side-looking package is designed for easy PC board mounting. The lensing effect of the package allows an acceptance half angle of 45o measured from the optical axis to the half power point. These devices are 100% production tested using infrared light for close correlation with Optek’s GaAs and GaAlAs emitters.

Features
·Wide receiving angle
·Linear response vs. irradiance
·Fast switching time
·Side-looking package ideal for space limited applications

Absolute Maximum Ratings (TA = 25℃ unless other wise noted)
Reverse Breakdown Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 V
Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . -40℃ to +100℃
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260℃
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW




Similar Part No. - OP955

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP955 TTELEC-OP955 Datasheet
1Mb / 5P
PIN Silicon Photodiode
More results


Similar Description - OP955

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP999 OPTEK-OP999 Datasheet
707Kb / 2P
PIN Sili con Photodiode
June 1996
OP950 OPTEK-OP950 Datasheet
717Kb / 2P
PIN Sili con Pho todiode
June 1996
OP954 OPTEK-OP954 Datasheet
701Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OP993 OPTEK-OP993 Datasheet
723Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OPF792 OPTEK-OPF792 Datasheet
224Kb / 2P
Short Wave length PIN Pho todiode
June 1996
OP905 OPTEK-OP905 Datasheet
494Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OSM960 OPTEK-OSM960 Datasheet
223Kb / 2P
Six Ele ment SMD Pho todiode Ar ray
July 1999
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
CON
CA62802P07990 ETC2-CA62802P07990 Datasheet
135Kb / 1P
(2-6) #20 PIN CONTACTS MINI-CON-X
logo
Shanghai Leiditech Elec...
LMBT3904WT1G LEIDITECH-LMBT3904WT1G Datasheet
807Kb / 5P
General Purpose Transistors NPN Sili
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com