Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3253S Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C3253S Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C3253S
Download  PI5C3253S Download
File Size   349.14 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Dual 4:1 Mux/DeMux Bus Switch

PI5C3253S Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C3253S Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C3253S
Download  PI5C3253S Click to download

File Size   349.14 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Dual 4:1 Mux/DeMux Bus Switch

PI5C3253S Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C3253S Product details

Description
Pericom Semiconductor’s PI5C3253 is a Dual 4:1 Multiplexer/demultiplexer with three-state outputs that is pinout compatible with the PI74FCT253T, 74F253, and 74ALS/AS/LS 253. Inputs can be connected to outputs with low on resistance (5Ω) with no additional ground bounce noise or propagation delay.

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2µA Typical)
    – Ideally suited for notebook applications
• Pin compatible with 74 series 253 logic devices
• Packaging (Pb-free & Green available):
    – 16-pin 150-mil wide plastic QSOP (Q)
    – 16-pin 300-mil wide plastic SOIC (S)
    – 16-pin 150-mil wide plastic SOIC (W)
    – 16-pin 173-mil wide plastic TSSOP (L)




Similar Part No. - PI5C3253S

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3253C PERICOM-PI5C3253C Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI5C3253CL PERICOM-PI5C3253CL Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI5C3253CLE PERICOM-PI5C3253CLE Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI5C3253LE PERICOM-PI5C3253LE Datasheet
499Kb / 7P
Dual 4:1 Mux/DeMux Bus Switch
PI5C3253QE PERICOM-PI5C3253QE Datasheet
499Kb / 7P
Dual 4:1 Mux/DeMux Bus Switch
More results


Similar Description - PI5C3253S

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
3:1 Mux/Demux Bus Switch
PI5C3253C PERICOM-PI5C3253C Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
PI5C3253QEX PERICOM-PI5C3253QEX Datasheet
499Kb / 7P
Dual 4:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
Mux / Demux Bus Switch
July, 2014 ??Rev. P0
logo
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com