Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXP7602 Datasheet (PDF) - Integrated Device Technology

EXP7602 Datasheet PDF - Integrated Device Technology
Part # EXP7602
Download  EXP7602 Download
File Size   674.34 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 71 GHz ??76 GHz Medium Power Amplifier

EXP7602 Datasheet (PDF)

Go To PDF Page Download Datasheet
EXP7602 Datasheet PDF - Integrated Device Technology

Part # EXP7602
Download  EXP7602 Click to download

File Size   674.34 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 71 GHz ??76 GHz Medium Power Amplifier

EXP7602 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - EXP7602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
EXP7603 IDT-EXP7603 Datasheet
700Kb / 2P
71GHz ??76GHz Medium Power Amplifier
EXP7603-DNT IDT-EXP7603-DNT Datasheet
700Kb / 2P
71GHz ??76GHz Medium Power Amplifier
More results


Similar Description - EXP7602

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH633 HITTITE-HMC-APH633 Datasheet
189Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
HMC-AUH318 HITTITE-HMC-AUH318_11 Datasheet
478Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
logo
United Monolithic Semic...
CHA3080-98F UMS-CHA3080-98F_15 Datasheet
406Kb / 14P
71-76GHz Medium Power Amplifier
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
E-Band Upconverter SiP, 71 GHz to 76 GHz
Oct-2019
ADMV7410 AD-ADMV7410 Datasheet
849Kb / 25P
E-Band Low Noise Downconverter SiP, 71 GHz to 76 GHz
Oct-2019
HMC8118 AD-HMC8118 Datasheet
504Kb / 27P
71 GHz to 76 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8326LG AD-HMC8326LG Datasheet
176Kb / 2P
E-BAND LOW NOISE DOWNCONVERTER SIP 71 - 76 GHz
HMC7586 AD-HMC7586 Datasheet
958Kb / 55P
71 GHz to 76 GHz, E-Band I/Q Downconverter
Mar-2016
HMC7584LG AD-HMC7584LG Datasheet
185Kb / 2P
E-BAND UPCONVERTER SIP 71 - 76 GHz
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com