Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7360 Datasheet (PDF) - NEC

PS7360 Datasheet PDF - NEC
Part # PS7360
Download  PS7360 Download
File Size   50.58 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY

PS7360 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7360 Datasheet PDF - NEC

Part # PS7360
Download  PS7360 Click to download

File Size   50.58 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY

PS7360 Datasheet (HTML) - NEC


PS7360 Product details

DESCRIPTION
PS7360-1A and PS7360L-1A are solid state relays containing a GaAs LED on the light emitting side (input side) and MOSFETs on the output side. They are suitable for analog signal control because of their low offset and high linearity.

FEATURES
• HIGH ISOLATION VOLTAGE
    BV : 3750 Vr.m.s. MIN
• 1 CHANNEL TYPE
    1a output
• DESIGNED FOR AC/DC SWITCHING LINE CHANGER
• SMALL PACKAGE
    6 pin DIP
• LOW OFFSET VOLTAGE
• SURFACE MOUNT TYPE LEAD
    PS7360L-1A

APPLICATIONS
• EXCHANGE EQUIPMENT
• MEASUREMENT EQUIPMENT
• FA/OA EQUIPMENT




Similar Part No. - PS7360

ManufacturerPart #DatasheetDescription
logo
NEC
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7360-1A RENESAS-PS7360-1A Datasheet
225Kb / 16P
6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
logo
California Eastern Labs
PS7360-1A-A CEL-PS7360-1A-A Datasheet
201Kb / 14P
6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
More results


Similar Description - PS7360

ManufacturerPart #DatasheetDescription
logo
NEC
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
8 PIN DIP SOLID STATE RELAY
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
PS7342C-1A NEC-PS7342C-1A Datasheet
55Kb / 6P
6 PIN DIP SOLID STATE RELAY
PS7112-1A NEC-PS7112-1A_01 Datasheet
53Kb / 6P
6 PIN DIP SOLID STATE RELAY
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
8 PIN DIP SOLID STATE RELAY
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
PS7112-1A CEL-PS7112-1A Datasheet
54Kb / 6P
6 PIN DIP SOLID STATE RELAY
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
8 PIN DIP SOLID STATE RELAY
logo
Renesas Technology Corp
PS7341-1A RENESAS-PS7341-1A_15 Datasheet
225Kb / 16P
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com