Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE166 Datasheet (PDF) - NTE Electronics

NTE166 Datasheet PDF - NTE Electronics
Part # NTE166
Download  NTE166 Download
File Size   18.56 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Single Phase Bridge Rectifier 2.0 Amp

NTE166 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE166 Datasheet PDF - NTE Electronics

Part # NTE166
Download  NTE166 Click to download

File Size   18.56 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Single Phase Bridge Rectifier 2.0 Amp

NTE166 Datasheet (HTML) - NTE Electronics


NTE166 Product details

Features:

• Ideal for Printed Circuit Board

• Surge Overload Rating: 50A (Peak)



 




Similar Part No. - NTE166

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1660 NTE-NTE1660 Datasheet
79Kb / 2P
Integrated Circuit Audio Preamplifier
NTE1661 NTE-NTE1661 Datasheet
88Kb / 3P
Integrated Circuit Synchronization Signal Processor For B/W TV and Small-Sized Color TV
NTE1664 NTE-NTE1664 Datasheet
26Kb / 3P
Integrated Circuit TV Hotizontal/Vertical Sync Signal Processor
NTE1667 NTE-NTE1667 Datasheet
23Kb / 2P
Integrated Circuit 2 Channel Amp, 2.3W/Ch (4.7W BTL)
NTE1668 NTE-NTE1668 Datasheet
79Kb / 4P
Integrated Circuit TV SoundIF/Detector
More results


Similar Description - NTE166

ManufacturerPart #DatasheetDescription
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
RS201M BYTES-RS201M Datasheet
146Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
2W005 FCI-2W005 Datasheet
124Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE
KBP200 FCI-KBP200 Datasheet
129Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
UNIOHM CORPORATION
RS201M UNIOHM-RS201M Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
RS201 GWSEMI-RS201 Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
2WO GWSEMI-2WO Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
DB201 GWSEMI-DB201 Datasheet
63Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL201 DGNJDZ-GBL201 Datasheet
67Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
GBP200 DGNJDZ-GBP200 Datasheet
206Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com