Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB930W55Z Datasheet (PDF) - TT Electronics.

OPB930W55Z Datasheet PDF - TT Electronics.
Part # OPB930W55Z
Download  OPB930W55Z Download
File Size   1097.81 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Photologic Slotted Optical Switch

OPB930W55Z Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB930W55Z Datasheet PDF - TT Electronics.

Part # OPB930W55Z
Download  OPB930W55Z Click to download

File Size   1097.81 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Photologic Slotted Optical Switch

OPB930W55Z Datasheet (HTML) - TT Electronics.


OPB930W55Z Product details

Description:
The OPB930 and OPB940 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and either 0.350” (8.9 mm) long pins (L Series) or 24” (610 mm) AWG, UL listed wire leads (W Series).
All housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity to both visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device throat) are either IR transmissive plastic (for applications where aperture contamination may occur) or opaque plastic (for maximum protection against ambient light).
Electrical output can be specified as either TTL Totem Pole or TTL Open Collector, either of which can be supplied with buffer or inverter output polarity. All devices have the added stability of a built-in hysteresis amplifier.

Features:
• Choice of aperture size
• Choice of output configurations
• Choice of opaque or IR transmissive shell
• Choice of pins (L) or wires (W)
• 0.125” (3.18 mm) slot width
• 0.320” (8.128 mm) lead spacing for PCBoard (side mounting)
• Data rates to 250 kBaud

Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication




Similar Part No. - OPB930W55Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB930W55Z TTELEC-OPB930W55Z Datasheet
751Kb / 9P
Slotted Optical Switch
More results


Similar Description - OPB930W55Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB970N55 TTELEC-OPB970N55 Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com