Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-012 Datasheet (PDF) - List of Unclassifed Manufacturers

SML-012 Datasheet PDF - List of Unclassifed Manufacturers
Part # SML-012
Download  SML-012 Download
File Size   27.35 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Chip LEDs with reflectors

SML-012 Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-012 Datasheet PDF - List of Unclassifed Manufacturers

Part # SML-012
Download  SML-012 Click to download

File Size   27.35 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Chip LEDs with reflectors

SML-012 Datasheet (HTML) - List of Unclassifed Manufacturers


SML-012 Product details

[ROHM]

Chip LEDs with reflectors

The SML-011 / 012 series are ultra high luminance chip LEDs with reflectors by using AlGaInP die.

Features
1) Reflectors are used to achieve a high luminance.
2) Two series : SML-011, SML-012
   Three colors : red, orange and yellow
3) Rectangular and leadless (3×2mm).
4) Can be mounted by automatic mounting.




Similar Part No. - SML-012

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012D8T ROHM-SML-012D8T Datasheet
148Kb / 3P
SML-01 Series Reflector improved the concentration of viewing angle
SML-012D8T ROHM-SML-012D8T Datasheet
104Kb / 2P
Chip LEDs with Reflector Standard Type
SML-012D8T ROHM-SML-012D8T Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012D8T ROHM-SML-012D8T Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012D8T ROHM-SML-012D8T Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results


Similar Description - SML-012

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-020 ROHM-SML-020 Datasheet
125Kb / 6P
Two-color chip LEDs with reflectors
logo
Gilway Technical Lamp
L518 GILWAY-L518 Datasheet
111Kb / 2P
MR11 Halogen Lamps with Dichroic Reflectors
logo
Rohm
SML-010YT ROHM-SML-010YT Datasheet
207Kb / 5P
Chip LEDs with reflectors
SML-020 ROHM-SML-020_1 Datasheet
130Kb / 4P
Two-color chip LEDs with reflectors
SML-010MTT86 ROHM-SML-010MTT86 Datasheet
88Kb / 5P
Chip LEDs with reflectors
SML-010VTT86 ROHM-SML-010VTT86 Datasheet
88Kb / 5P
Chip LEDs with reflectors SML-010 Series
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
Two-color chip LEDs with reflectors
SML-010LTT86 ROHM-SML-010LTT86 Datasheet
88Kb / 5P
Chip LEDs with reflectors
SML-020MYTT87 ROHM-SML-020MYTT87 Datasheet
105Kb / 6P
Two-color chip LEDs with reflectors SML-020 Series
logo
Ledil, Inc.
C13723 LEDIL-C13723 Datasheet
4Mb / 3P
Colour mixing sublens compatible with MIRELLA reflectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com