Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8K1 Datasheet (PDF) - Rohm

SP8K1 Datasheet PDF - Rohm
Part # SP8K1
Download  SP8K1 Download
File Size   59.64 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 5.0A)

SP8K1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K1 Datasheet PDF - Rohm

Part # SP8K1
Download  SP8K1 Click to download

File Size   59.64 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 5.0A)

SP8K1 Datasheet (HTML) - Rohm


SP8K1 Product details

Features

1) Low on-resistance.

2) Built-in G-S Protection Diode.

3) Small and Surface Mount Package (SOP8).



Application

Power switching, DC / DC converter.



Structure

Silicon N-channel

MOS FET




Similar Part No. - SP8K1

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K1 ROHM-SP8K1 Datasheet
65Kb / 4P
Switching (30V, 5.0A)
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
Switching (30V, 5.0A)
logo
VBsemi Electronics Co.,...
SP8K1TB VBSEMI-SP8K1TB Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
More results


Similar Description - SP8K1

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS050P03 ROHM-RSS050P03 Datasheet
87Kb / 5P
Switching (-30V, -5.0A)
2SAR572D ROHM-2SAR572D Datasheet
808Kb / 7P
PNP -5.0A -30V Middle Power Transistor
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
Switching (30V, 5.0A)
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
PNP -5.0A -30V Middle Power Transistor
2SAR572D3 ROHM-2SAR572D3 Datasheet
1Mb / 11P
PNP -5.0A -30V Power Transistor
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
NPN 5.0A 30V Middle Power Transistor
2SCR572D3 ROHM-2SCR572D3 Datasheet
1Mb / 11P
NPN 5.0A 30V Power Transistor
2SAR572D3FRA ROHM-2SAR572D3FRA Datasheet
1Mb / 10P
PNP -5.0A -30V Power Transistor
2SCR572D3FRA ROHM-2SCR572D3FRA Datasheet
1Mb / 10P
NPN 5.0A 30V Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com