Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VUC25 Datasheet (PDF) - IXYS Corporation

VUC25 Datasheet PDF - IXYS Corporation
Part # VUC25
Download  VUC25 Download
File Size   43.16 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Three Phase Rectifier Bridge

VUC25 Datasheet (PDF)

Go To PDF Page Download Datasheet
VUC25 Datasheet PDF - IXYS Corporation

Part # VUC25
Download  VUC25 Click to download

File Size   43.16 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Three Phase Rectifier Bridge

VUC25 Datasheet (HTML) - IXYS Corporation


VUC25 Product details

IdAVM = 28 A

ITAVM = 26 A

VRRM = 1200-1600 V



Features

● Package with DCB ceramic base plate

● Isolation voltage 3600 V~

● Planar passivated chips

● Fast recovery diodes to reduce EMI

● Separate thyristor for softstart

● Solderable terminals

● UL registered E 72873



Applications

● Input rectifier for switching power supplies (SMPS)

● Softstart capacitor charging

● Electric drives and auxiliaries



Advantages

● Easy to mount with two screws

● Space and weight savings

● Improved temperature and power cycling

● Up to 10 dB lower EMI/RFI compared to standard rectifier



 




Similar Part No. - VUC25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25 IXYS-VUC25 Datasheet
43Kb / 2P
Three Phase Rectifier Bridge
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
Three Phase Rectifier Bridge
VUC25-14GO2 IXYS-VUC25-14GO2 Datasheet
43Kb / 2P
Three Phase Rectifier Bridge
VUC25-16GO2 IXYS-VUC25-16GO2 Datasheet
43Kb / 2P
Three Phase Rectifier Bridge
More results


Similar Description - VUC25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com