Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8550 Datasheet (PDF) - Seiko Instruments Inc

S8550 Datasheet PDF - Seiko Instruments Inc
Part # S8550
Download  S8550 Download
File Size   1777.3 Kbytes
Page   31 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS

S8550 Datasheet (PDF)

Go To PDF Page Download Datasheet
S8550 Datasheet PDF - Seiko Instruments Inc

Part # S8550
Download  S8550 Click to download

File Size   1777.3 Kbytes
Page   31 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS

S8550 Datasheet (HTML) - Seiko Instruments Inc


S8550 Product details

The S-8550 Series is a CMOS synchronous rectification step-down switching regulator which mainly consists of a reference voltage circuit, an oscillator, an error amplifier, a phase compensation circuit, a PWM controller, an under voltage lockout circuit (UVLO), a current limit circuit, and a power MOS FET. The oscillation frequency is high at 1.2 MHz, so a high efficiency, large output current, step-down switching regulator can be achieved by using small external parts.
The built-in synchronous rectification circuit makes achieving high efficiency easier compared with conventional step-down switching regulators. A ceramic capacitor can be used as an output capacitor. High-density mounting is supported by adopting packages small SOT-23-5 and super-small and thin SNT-8A.

■ Features
• Oscillation frequency: 1.2 MHz
• Input voltage range: 2.0 V to 5.5 V
• Output voltage range: Arbitrarily settable by external output voltage setting resistor
• Output current: 600 mA
• Reference voltage: 0.6 V ±2.0%
• Efficiency: 92%
• Soft-start function: 1 ms typ.
• Shutdown function: Shutdown current consumption : 1.0 μA max.
• Built-in current limit circuit
• Pch power MOS FET on-resistance: 0.4 Ω typ.
• Nch power MOS FET on-resistance: 0.3 Ω typ.
• Constant continuous mode operation (no light load mode)
• Lead-free, Sn 100%, halogen-free*1

■ Applications
• Mobile devices, such as mobile phones, Bluetooth devices, wireless devices, digital audio players, digital still cameras, portable DVD players, and portable CD players




Similar Part No. - S8550

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8550 WINGS-S8550 Datasheet
86Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8550 WEITRON-S8550 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
logo
Galaxy Semi-Conductor H...
S8550 BILIN-S8550 Datasheet
323Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - S8550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
05-Jul-2007
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8550 SII-S-8550 Datasheet
426Kb / 26P
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
Rohm
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
Step-down Switching regulators with Built-in Power MOSFET
logo
Seiko Instruments Inc
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S8533 SII-S8533 Datasheet
1Mb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
Step-down Switching regulators with Built-in Power MOSFET
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com