Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH691AT Datasheet (PDF) - Vishay Siliconix

SFH691AT Datasheet PDF - Vishay Siliconix
Part # SFH691AT
Download  SFH691AT Download
File Size   99.8 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, SOP-4, AC Input Mini-Flat

SFH691AT Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH691AT Datasheet PDF - Vishay Siliconix

Part # SFH691AT
Download  SFH691AT Click to download

File Size   99.8 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, SOP-4, AC Input Mini-Flat

SFH691AT Datasheet (HTML) - Vishay Siliconix


SFH691AT Product details

• SOP (small outline package)
• Isolation test voltage, 3750 VRMS (1 s)
• High collector emitter breakdown voltage,
VCEO = 70 V
• Bidirectional AC input
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing




Similar Part No. - SFH691AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
26-Oct-04
SFH691AT VISHAY-SFH691AT Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
16-May-08
SFH691AT VISHAY-SFH691AT Datasheet
96Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input,
12-Apr-13
SFH691AT VISHAY-SFH691AT Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
12-Apr-13
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
16-May-08
More results


Similar Description - SFH691AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
26-Oct-04
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
16-May-08
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
20-Apr-04
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
VOMA617A VISHAY-VOMA617A_V01 Datasheet
226Kb / 10P
Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
03-May-2018
SFH691AT VISHAY-SFH691AT_V01 Datasheet
96Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input,
12-Apr-13
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
VOMA618A VISHAY-VOMA618A_V01 Datasheet
235Kb / 10P
Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
05-Jul-2019
SFH691AT VISHAY-SFH691AT_V02 Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
12-Apr-13
TCLT1600 VISHAY-TCLT1600_V02 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com