Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCET1600G Datasheet (PDF) - Vishay Siliconix

TCET1600G Datasheet PDF - Vishay Siliconix
Part # TCET1600G
Download  TCET1600G Download
File Size   156.77 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input

TCET1600G Datasheet (PDF)

Go To PDF Page Download Datasheet
TCET1600G Datasheet PDF - Vishay Siliconix

Part # TCET1600G
Download  TCET1600G Click to download

File Size   156.77 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input

TCET1600G Datasheet (HTML) - Vishay Siliconix


TCET1600G Product details

• Isolation materials according to UL94 V-O
• Pollution degree 2 (DIN/VDE 0110 /resp. IEC
60664)
• Climatic classification 55/100/21 (IEC 60068
part 1)
• Special construction: therefore, extra low
coupling capacity of typical 0.2 pF, high
common mode rejection
• Low temperature coefficient of CTR
• Rated impulse voltage (transient overvoltage)
VIOTM = 10 kV peak
• Isolation test voltage (partial discharge test voltage)
Vpd = 1.6 kV peak
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS
• Rated recurring peak voltage (repetitive) VIORM = 890 Vpeak
• Thickness though insulation ≥ 0.75 mm
• Creepage current resistance according to VDE 0303/
IEC 60112 comparative tracking index: CTI ≥ 175
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - TCET1600G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1600G VISHAY-TCET1600G Datasheet
233Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCET1600G VISHAY-TCET1600G Datasheet
195Kb / 9P
Optocoupler, Phototransistor Output, AC Input
01-Dec-05
TCET1600G VISHAY-TCET1600G Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
TCET1600G VISHAY-TCET1600G Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
More results


Similar Description - TCET1600G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
Optocoupler, Phototransistor Output, AC Input
01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
Optocoupler, Phototransistor Output, AC input
26-Oct-04
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
Optocoupler, Phototransistor Output, AC Input
01-Dec-05
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
Optocoupler, Phototransistor Output, AC Input
23-Feb-11
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-08
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com