Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978 Datasheet (PDF) - Wolfson Microelectronics plc

WM8978 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8978
Download  WM8978 Download
File Size   927.02 Kbytes
Page   78 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO CODEC WITH SPEAKER DRIVER

WM8978 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8978 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8978
Download  WM8978 Click to download

File Size   927.02 Kbytes
Page   78 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO CODEC WITH SPEAKER DRIVER

WM8978 Datasheet (HTML) - Wolfson Microelectronics plc


WM8978 Product details

DESCRIPTION

The WM8978 is a low power, high quality stereo codec designed for portable applications such as Digital still camera or Digital Camcorder.

The device integrates preamps for stereo differential mics, and includes drivers for speakers, headphone and differential or stereo line output. External component requirements are reduced as no separate microphone or headphone amplifiers are required.

Advanced on-chip digital signal processing includes a 5-band equaliser, a mixed signal Automatic Level Control for the microphone or line input through the ADC as well as a purely digital limiter function for record or playback. Additional digital filtering options are available in the ADC path, to cater for application filtering such as ‘wind noise reduction’.

The WM8978 CODEC can operate as a master or a slave. An internal PLL can generate all required audio clocks for the Codec from common reference clock frequencies, such as 12MHz and 13MHz.



FEATURES

• Stereo Codec:

• DAC SNR 98dB, THD -84dB (‘A’ weighted @ 48kHz)

• ADC SNR 90dB, THD -80dB (‘A’ weighted @ 48kHz)

• On-chip Headphone Driver with ‘capless’ option

   - 40mW output power into 16Ω / 3.3V SPKVDD

• 0.9W output power into 8Ω BTL speaker / 5V SPKVDD

   - Capable of driving piezo speakers

   - Stereo speaker drive configuration

• Mic Preamps:

• Stereo Differential or mono microphone Interfaces

   - Programmable preamp gain

   - Psuedo differential inputs with common mode rejection

   - Programmable ALC / Noise Gate in ADC path

• Low-noise bias supplied for electret microphones

• Other features:

• Enhanced 3-D function for improved stereo separation

• Digital playback limiter

• 5-band Equaliser (record or playback)

• Programmable ADC High Pass Filter (wind noise reduction)

• Programmable ADC Notch Filter

• Aux inputs for stereo analog input signals or ‘beep’

• On-chip PLL supporting 12, 13, 19.2MHz and other clocks

• Low power, low voltage

   - 2.5V to 3.6V (digital core: 1.62V to 3.6V)

   - power consumption <30mW all-on with 2.5V supplies

• 5x5mm 32-pin QFN package



APPLICATIONS

• Stereo Camcorder or DSC



 




Similar Part No. - WM8978

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978CGEFL/RV WOLFSON-WM8978CGEFL/RV Datasheet
1Mb / 118P
Stereo CODEC with Speaker Driver
WM8978CGEFL/V WOLFSON-WM8978CGEFL/V Datasheet
1Mb / 118P
Stereo CODEC with Speaker Driver
WM8978GEFL/RV WOLFSON-WM8978GEFL/RV Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
WM8978GEFL/V WOLFSON-WM8978GEFL/V Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
More results


Similar Description - WM8978

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
Stereo CODEC with Speaker Driver
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
logo
Nuvoton Technology Corp...
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
24-bit Stereo Audio Codec with Speaker Driver
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
24-bit Stereo Audio Codec with Speaker Driver
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
24-bit Stereo Audio Codec with Speaker Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com