Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100F Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MBR20100F Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MBR20100F
Download  MBR20100F Download
File Size   223.77 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers

MBR20100F Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20100F Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MBR20100F
Download  MBR20100F Click to download

File Size   223.77 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers

MBR20100F Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - MBR20100F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MBR20100F KEXIN-MBR20100F Datasheet
935Kb / 2P
Schottky Barrier Diodes
logo
Yangzhou yangjie electr...
MBR20100F YANGJIE-MBR20100F Datasheet
142Kb / 2P
Schottky Rectifier
logo
Thinki Semiconductor Co...
MBR20100FCA THINKISEMI-MBR20100FCA Datasheet
828Kb / 2P
20.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers
Rev.13T
logo
Micro Commercial Compon...
MBR20100FCT MCC-MBR20100FCT Datasheet
1Mb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Compact Technology Corp...
MBR20100FCT CTC-MBR20100FCT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - MBR20100F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL20H100R SECOS-SBL20H100R Datasheet
281Kb / 2P
VOLTAGE 100 V 20.0 Amp Low VF Schottky Barrier Rectifiers
SBR20150 SECOS-SBR20150_11 Datasheet
246Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR2040 SECOS-MBR2040 Datasheet
135Kb / 2P
Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
MBR2040F SECOS-MBR2040F Datasheet
135Kb / 2P
Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
MBR2060F SECOS-MBR2060F Datasheet
194Kb / 2P
Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
MBR20100 SECOS-MBR20100 Datasheet
147Kb / 2P
Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
MBR20150 SECOS-MBR20150 Datasheet
147Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR20150F SECOS-MBR20150F Datasheet
147Kb / 2P
Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200 SECOS-MBR20200 Datasheet
203Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200F SECOS-MBR20200F Datasheet
290Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com