Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-2211ACD Datasheet (PDF) - Exar Corporation

XR-2211ACD Datasheet PDF - Exar Corporation
Part # XR-2211ACD
Download  XR-2211ACD Download
File Size   246.26 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FSK Demodulator/ Tone Decoder

XR-2211ACD Datasheet (PDF)

Go To PDF Page Download Datasheet
XR-2211ACD Datasheet PDF - Exar Corporation

Part # XR-2211ACD
Download  XR-2211ACD Click to download

File Size   246.26 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FSK Demodulator/ Tone Decoder

XR-2211ACD Datasheet (HTML) - Exar Corporation


XR-2211ACD Product details

GENERAL DESCRIPTION

The XR-2211A is a monolithic phase-locked loop (PLL) system especially designed for data communications applications. It is particularly suited for FSK modem applications. It operates over a wide supply voltage range of 4.5 to 20V and a wide frequency range of 0.01Hz to 300kHz.



FEATURES

Wide Frequency Range, 0.01Hz to 300kHz

Wide Supply Voltage Range, 4.5V to 20V

HCMOS/TTL/Logic Compatibility

FSK Demodulation, with Carrier Detection

Wide Dynamic Range, 10mV to 3V rms

Adjustable Tracking Range (+1% to 80%)

Excellent Temp. Stability, 100 ppm/°C, typ.




Similar Part No. - XR-2211ACD

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
FSK Demodulator/ Tone Decoder
More results


Similar Description - XR-2211ACD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2211 NJRC-NJM2211 Datasheet
427Kb / 11P
FSK DEMODULATOR/TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
Tone Decoder
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
FSK Demodulator/ Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
TONE DECODER
logo
List of Unclassifed Man...
RC2211 ETC1-RC2211 Datasheet
135Kb / 16P
FSK Demodulator/Tone Decoder
logo
Exar Corporation
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
FSK MODULATOR / DEMODULATOR
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
Tone Decoder
logo
New Japan Radio
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
FSK DEMODULATOR / TONE DECODER
logo
Texas Instruments
LM567CMX TI1-LM567CMX Datasheet
1Mb / 18P
Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
FSK DEMODULATOR / TONE DECODER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com