Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO0600T Datasheet (PDF) - Vishay Siliconix

VO0600T Datasheet PDF - Vishay Siliconix
Part # VO0600T
Download  VO0600T Download
File Size   156.47 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 10 MBd, SOIC-8

VO0600T Datasheet (PDF)

Go To PDF Page Download Datasheet
VO0600T Datasheet PDF - Vishay Siliconix

Part # VO0600T
Download  VO0600T Click to download

File Size   156.47 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 10 MBd, SOIC-8

VO0600T Datasheet (HTML) - Vishay Siliconix


VO0600T Product details

• Choice of CMR performance of 15 kV/μs,
5 kV/μs, and 1 kV/μs
• High speed: 10 MBd typical
• + 5 V CMOS compatibility
• Pure tin leads
• Guaranteed AC and DC performance over
temperature: - 40 °C to + 100 °C temp. range
• Meets IEC 60068-2-42 (SO2) and IEC 60068-2-43 (H2S)
requirements
• Low input current capability: 5 mA




Similar Part No. - VO0600T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
14-Mar-08
VO0600T VISHAY-VO0600T Datasheet
150Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
153Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
25-Oct-12
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
06-Oct-08
More results


Similar Description - VO0600T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
High Speed Optocoupler, 5 MBd, in SOIC-8 Package
27-Apr-04
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
High Speed Optocoupler, 10 MBd SOIC-8 Package
26-Jun-06
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
14-Mar-08
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
High Speed Optocoupler, 5 MBd, in SOIC-8 Package
19-Apr-07
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
06-Oct-08
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
06-Oct-08
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
High Speed Optocoupler, 10 MBd SOIC-8 Package
24-Nov-04
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
26-Aug-13
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
26-Aug-13
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
25-Oct-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com