Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3023PG. Datasheet (PDF) - Vishay Siliconix

K3023PG. Datasheet PDF - Vishay Siliconix
Part # K3023PG.
Download  K3023PG. Download
File Size   152.69 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM

K3023PG. Datasheet (PDF)

Go To PDF Page Download Datasheet
K3023PG. Datasheet PDF - Vishay Siliconix

Part # K3023PG.
Download  K3023PG. Click to download

File Size   152.69 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM

K3023PG. Datasheet (HTML) - Vishay Siliconix


K3023PG. Product details

• 400 V blocking voltage
• Wide range of trigger current
• 100 mARMS on-state current
• Wide temperature range -55 °C to +100 °C




Similar Part No. - K3023PG.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3023PG VISHAY-K3023PG Datasheet
146Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
K3023PG VISHAY-K3023PG Datasheet
196Kb / 10P
Optocoupler, Phototriac Output, 400 V VDRM
26-Oct-04
K3023PG VISHAY-K3023PG Datasheet
117Kb / 5P
Optocoupler, Phototriac Output, 400 VDRM
09-Mar-10
More results


Similar Description - K3023PG.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
10-Jan-05
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
09-Sep-13
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
04-Nov-2020
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing
14-Jul-2021
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
Optocoupler, Phototriac Output, 400 VDRM
18-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com