Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK140LFL Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SK140LFL Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SK140LFL
Download  SK140LFL Download
File Size   296.76 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 40V, 1A Schottky Barrier Rectifiers

SK140LFL Datasheet (PDF)

Go To PDF Page Download Datasheet
SK140LFL Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SK140LFL
Download  SK140LFL Click to download

File Size   296.76 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 40V, 1A Schottky Barrier Rectifiers

SK140LFL Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SK140LFL

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SK140 CHENG-YI-SK140 Datasheet
105Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SK140UFL SECOS-SK140UFL Datasheet
277Kb / 2P
Low VF Schottky Barrier Rectifiers
SK140UFL-C SECOS-SK140UFL-C Datasheet
277Kb / 2P
Low VF Schottky Barrier Rectifiers
More results


Similar Description - SK140LFL

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NS4 SHINDENGEN-D1NS4 Datasheet
552Kb / 10P
Schottky Rectifiers (SBD) (40V 1A)
logo
Torex Semiconductor
XBS104V14 TOREX-XBS104V14 Datasheet
73Kb / 3P
Schottky Barrier Diode, 1A, 40V Type
logo
Frontier Electronics.
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
SeCoS Halbleitertechnol...
SM140TWS SECOS-SM140TWS Datasheet
191Kb / 2P
40V, 1A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS1H4LS TSC-SS1H4LS Datasheet
215Kb / 4P
1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
SS1H4LW TSC-SS1H4LW Datasheet
271Kb / 4P
1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
SS14LW TSC-SS14LW Datasheet
201Kb / 4P
1A, 40V - 150V Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com